Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXF5D3012 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AXF5D3012
Description  Automation Controls Catalog
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXF5D3012 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AXF5D3012 Datasheet HTML 1Page - Panasonic Semiconductor AXF5D3012 Datasheet HTML 2Page - Panasonic Semiconductor AXF5D3012 Datasheet HTML 3Page - Panasonic Semiconductor AXF5D3012 Datasheet HTML 4Page - Panasonic Semiconductor AXF5D3012 Datasheet HTML 5Page - Panasonic Semiconductor AXF5D3012 Datasheet HTML 6Page - Panasonic Semiconductor AXF5D3012 Datasheet HTML 7Page - Panasonic Semiconductor AXF5D3012 Datasheet HTML 8Page - Panasonic Semiconductor AXF5D3012 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
High current connectors
A35UH (0.35mm pitch)
–4–
ACCTB100E 201803-T
EMBOSSED TAPE DIMENSIONS (Unit: mm)
Dimension table
Connector orientation with respect to embossed tape feeding direction
There is no indication on this product regarding top-bottom or left-right orientation.
Type/Mated height
Number of pins
Type of taping
A
B
C
Quantity per reel
Socket
0.6 mm
Max. 30
Tape I
16.0
7.5
17.4
15,000
34 to 70
Tape I
24.0
11.5
25.4
15,000
Type/Mated height
Number of pins
Type of taping
A
B
C
Quantity per reel
Header
0.6 mm
Max. 34
Tape I
16.0
7.5
17.4
15,000
40 to 70
Tape I
24.0
11.5
25.4
15,000
Specifications for taping
In accordance with JIS C 0806-3:1999. However, not applied to
the mounting-hole pitch of some connectors.
Specifications for the plastic reel
In accordance with EIAJ ET-7200B.
(A )
+0.3
-0.1
(B)
(1.75)
φ1.5+0.1
0
Tape I
Embossed carrier tape
Taping reel
Top cover tape
C±1
Label
Embossed mounting-hole
Type
Direction
of tape progress
Common for A35UH
Socket
Header



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com