Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14C89AM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C89AM
Description  Quad CMOS Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C89AM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS14C89AM Datasheet HTML 1Page - National Semiconductor (TI) DS14C89AM Datasheet HTML 2Page - National Semiconductor (TI) DS14C89AM Datasheet HTML 3Page - National Semiconductor (TI) DS14C89AM Datasheet HTML 4Page - National Semiconductor (TI) DS14C89AM Datasheet HTML 5Page - National Semiconductor (TI) DS14C89AM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
VCC
a
6V
Input Voltage
b
30V to a30V
Receiver Output Voltage
(VCC) a03V to GNDb03V
Junction Temperature
a
150 C
Continuous Power Dissipation
a
25 C (Note 2)
N Package
1513 mW
J Package
1935 mW
M Package
1063 mW
Lead Temp (Soldering 4 seconds)
a
260 C
Storage Temp Range
b
65 Cto a150 C
ESD Rating t 18 kV Typically t 2kV
(HMB 15 kX 100 pF)
Recommended Operating
Conditions
Min
Max
Units
VCC (GND e 0V)
a
45
a
55
V
Operating Free Air Temp (TA)
DS14C89A
0
a
75
C
DS14C89AT
b
40
a
85
C
Electrical Characteristics Over recommended operating conditions unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VTH
Input High Threshold
13
27
V
VTL
Input Low Threshold
05
19
V
VHY
Typical Input Hysteresis
10
V
IIN
Input Current
VIN ea25V
VCC ea45V to a55V
36
83
mA
VIN eb25V
b
36
b
83
mA
VIN ea3V
043
10
mA
VIN eb3V
b
043
b
10
mA
VIN ea15V
VCC e 0V (Power-Off)
214
50
mA
VIN eb15V
(Note 4)
b
214
b
50
mA
VIN ea3V
043
10
mA
VIN eb3V
b
043
b
10
mA
VOH
Output High Voltage
VIN e VTL (min)
IOUT eb32 mA
28
40
V
IOUT eb20mA
35
47
V
VOL
Output Low Voltage
VIN e VTH (max)
015
04
V
IOUT ea32 mA
ICC
Supply Current
No Load
DS14C89A
05
900
m
A
VIN e 27V or 05V
DS14C89AT
05
20
mA
AC Electrical Characteristics
Over recommended operating conditions unless otherwise specified CI e 50 pF (Note 3)
Symbol
Parameter
ConditIons
Min
Typ
Max
Units
tPLH
Propagation Delay Low to High
Input Pulse Width t 10 ms
35
65
m
s
tPHL
Propagation Delay High to Low
Input Pulse Width t 10 ms
32
65
m
s
tSK
Typical Propagation Delay Skew
400
ns
tr
Output Rise TIme
40
300
ns
tf
Output Fall Time
40
300
ns
tnw
Pulse Width assumed to be Noise
10
m
s
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Electrical Characteristics’’ specify conditions for device operation
Note 2
Derate N Package 121 mW C J Package 129 mW C and M Package 85 mW C above a25 C
Note 3
AC input waveforms for test purposes tr e tf e 200 ns VIH ea3V VL eb3V f e 20 KHz
Note 4
Under the power-off supply conditions it is assumed that the power supply potential drops to zero (0V) and is replaced by a low impedance or short circuit
to ground
http
www nationalcom
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com