Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G031F6 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32G031F6
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031F6 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32G031F6 Datasheet HTML 48Page - STMicroelectronics STM32G031F6 Datasheet HTML 49Page - STMicroelectronics STM32G031F6 Datasheet HTML 50Page - STMicroelectronics STM32G031F6 Datasheet HTML 51Page - STMicroelectronics STM32G031F6 Datasheet HTML 52Page - STMicroelectronics STM32G031F6 Datasheet HTML 53Page - STMicroelectronics STM32G031F6 Datasheet HTML 54Page - STMicroelectronics STM32G031F6 Datasheet HTML 55Page - STMicroelectronics STM32G031F6 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 117 page
background image
Electrical characteristics
STM32G031x4/x6/x8
52/117
DS12992 Rev 2
Table 27. Current consumption in Sleep and Low-power sleep modes
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
General
Voltage
scaling
fHCLK
25°
C
85°
C
125°
C
25°
C
85°
C
130°
C
IDD(Sleep)
Supply
current in
Sleep
mode
Flash memory enabled;
fHCLK = fHSE bypass
(≤16 MHz; PLL
disabled),
fHCLK = fPLLRCLK
(>16 MHz; PLL
enabled);
All peripherals disabled
Range 1
64 MHz
1.3
1.4
1.5
1.8
2.0
2.8
mA
56 MHz
1.2
1.3
1.4
1.6
1.8
2.7
48 MHz
1.1
1.1
1.3
1.5
1.6
2.6
32 MHz
0.8
0.8
1.0
1.2
1.2
2.2
24 MHz
0.7
0.7
0.8
0.9
1.0
1.8
16 MHz
0.4
0.4
0.5
0.6
0.7
1.6
Range 2
16 MHz
0.3
0.4
0.5
0.5
0.6
1.3
8 MHz
0.2
0.3
0.4
0.3
0.5
1.2
2 MHz
0.1
0.2
0.3
0.2
0.4
1.1
IDD(LPSleep)
Supply
current in
Low-power
sleep mode
Flash memory disabled;
PLL disabled;
fHCLK = fHSE bypass (> 32 kHz),
fHCLK = fLSE bypass (= 32 kHz);
All peripherals disabled
2 MHz
40
70
175
145 340 1055
µA
1 MHz
27
55
155
125 315
960
500 kHz
21
47
150
120 240
825
125 kHz
15
42
145
110 225
680
32 kHz
12
40
140
105 215
630
1. Based on characterization results, not tested in production.
Table 28. Current consumption in Stop 0 mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
HSI kernel
VDD
25°C
85°C
125°C
25°C
85°C
130°C
IDD(Stop 0)
Supply
current in
Stop 0
mode
Enabled
1.8 V
265
290
375
330
420
745
µA
2.4 V
265
290
375
330
450
840
3 V
270
295
380
345
485
940
3.6 V
270
295
385
370
495
1000
Disabled
1.8 V
92
130
225
120
180
490
2.4 V
95
130
225
120
220
605
3 V
97
135
230
125
235
710
3.6 V
99
135
235
125
245
830
1. Based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com