Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G031F6 Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM32G031F6
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031F6 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32G031F6 Datasheet HTML 104Page - STMicroelectronics STM32G031F6 Datasheet HTML 105Page - STMicroelectronics STM32G031F6 Datasheet HTML 106Page - STMicroelectronics STM32G031F6 Datasheet HTML 107Page - STMicroelectronics STM32G031F6 Datasheet HTML 108Page - STMicroelectronics STM32G031F6 Datasheet HTML 109Page - STMicroelectronics STM32G031F6 Datasheet HTML 110Page - STMicroelectronics STM32G031F6 Datasheet HTML 111Page - STMicroelectronics STM32G031F6 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 117 page
background image
Package information
STM32G031x4/x6/x8
108/117
DS12992 Rev 2
samples to run a qualification activity.
6.7
WLCSP18 package information
WLCSP18 is a 18-ball, 1.86 x 2.14 mm wafer-level chip-scale package with 0.4 mm pitch.
Figure 50. WLCSP18 package outline
1. Drawing is not to scale.
2. Dimension is measured at the maximum ball diameter parallel to primary datum Z.
3. Primary datum Z and seating plane are defined by the spherical crowns of the ball.
4. Ball position designation per JESD 95-1, SPP-010.
Table 77. WLCSP18 package mechanical data
Symbol
millimeters
inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A(2)
-
-
0.59
-
-
0.023
A1
-
0.18
-
-
0.007
-
F
G
e1
A1 BALL LOCATION
e2
E
e
e
D
aaa
(4x)
BOTTOM VIEW
BUMP
A1
A2
A
DETAIL A
bbb Z
SIDE VIEW
Z
b (36x)
ccc
X
ZY
ccc
Z
ccc Z
A3
FRONT VIEW
DETAIL A
ROTATED 90
SEATING PLANE
B06E_WLCSP18_DIE466_ME_V1
1
3
5
72
4
6
A
B
C
D
E
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com