Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G031C4 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32G031C4
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031C4 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32G031C4 Datasheet HTML 8Page - STMicroelectronics STM32G031C4 Datasheet HTML 9Page - STMicroelectronics STM32G031C4 Datasheet HTML 10Page - STMicroelectronics STM32G031C4 Datasheet HTML 11Page - STMicroelectronics STM32G031C4 Datasheet HTML 12Page - STMicroelectronics STM32G031C4 Datasheet HTML 13Page - STMicroelectronics STM32G031C4 Datasheet HTML 14Page - STMicroelectronics STM32G031C4 Datasheet HTML 15Page - STMicroelectronics STM32G031C4 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 117 page
background image
Description
STM32G031x4/x6/x8
12/117
DS12992 Rev 2
Figure 1. Block diagram
LPTIMER 1/2
TIMER 16/17
Power domain of analog blocks :
VBAT
6 channels
BRK, ETR input as AF
System and
peripheral
clocks
PA[15:0]
PB[15:0]
PC[15:13,6,7]
PF[2:0]
44 AF
MOSI/SD
MISO/MCK
SCK/CK
NSS/WS as AF
SWCLK
SWDIO
as AF
OSC_IN
OSC_OUT
VBAT
OSC32_IN
OSC32_OUT
RTC_OUT
RTC_REFIN
RTC_TS
MOSI, MISO,
SCK, NSS,
as AF
HSI16
LSI
PLLPCLK
VDD
1 channel as AF
ETR, IN, OUT as AF
1 channel as AF
4 ch., ETR as AF
4 ch., ETR as AF
CPU
CORTEX-M0+
fmax = 64 MHz
SWD
NVIC
EXTI
SPI1/I2S
SPI2
AHB-to-APB
RCC
Reset & clock control
I/F
XTAL OSC
4-48 MHz
IWDG
SRAM
8 KB
RTC, TAMP
Backup regs
I/F
RC 16 MHz
RC 32 kHz
PLL
XTAL32 kHz
I/F
VDD
RX, TX,CTS, RTS,
CK as AF
Port D
Port C
Port B
Port A
VDDA
SUPPLY
SUPERVISION
POWER
VCORE
POR
Reset
Int
VDD/VDDA
VSS/VSSA
NRST
PVD
POR/BOR
Voltage
regulator
USART1
LPTIM1 & 2
TIM16 & 17
TIM14
TIM3
TIM2 (32-bit)
TIM1
GPIOs
IOPORT
HSE
PLLQCLK
PLLRCLK
LSE
LSE
T sensor
RX, TX,
CTS, RTS as AF
LPUART
TAMP_IN
CRC
SCL, SDA as AF
SCL, SDA, SMBA,
SMBUS as AF
I2C1
I2C2
DBGMCU
WWDG
PWRCTRL
SYSCFG
DMA
DMAMUX
Port F
PD[3:0]
VDDA
VDDIO1
Low-voltage
detector
VDD
Parity
Flash memory
up to 64 KB
VDDIO1
16x IN
I/F
ADC
VREFBUF
VREF+
RX, TX,CTS, RTS,
CK as AF
USART2
IR_OUT
IRTIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com