Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4699E Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4699E
Description  Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4699E Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4699E Datasheet HTML 17Page - Infineon Technologies AG TLE4699E Datasheet HTML 18Page - Infineon Technologies AG TLE4699E Datasheet HTML 19Page - Infineon Technologies AG TLE4699E Datasheet HTML 20Page - Infineon Technologies AG TLE4699E Datasheet HTML 21Page - Infineon Technologies AG TLE4699E Datasheet HTML 22Page - Infineon Technologies AG TLE4699E Datasheet HTML 23Page - Infineon Technologies AG TLE4699E Datasheet HTML 24Page - Infineon Technologies AG TLE4699E Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TLE4699
Reset Function
Data Sheet
21
Rev. 1.0, 2010-11-30
Reset Reaction Time
In case the output voltage of the regulator drops below the output undervoltage lower reset threshold
V
RT,lo, the
delay capacitor
C
D is discharged rapidly. Once the delay capacitor’s voltage has reached the lower delay switching
threshold
V
DST,lo, the reset output RO will be set to “low”.
Additionally to the delay capacitor discharge time
t
rr,d an internal time trr,int applies. Hence the total reset reaction
time
t
rr,total becomes:
with
•
t
rr,total: total reset reaction time
•
t
rr,int: Internal reset reaction time; see Item 8.2.16
•
t
rr,d: Delay capacitor discharge time. For a capacitor CD different from the value specified in Item 8.2.17, see
typical performance graphs.
Reset Output “RO”
The reset output “RO” is an open collector output with an integrated pull-up resistor. In case a lower-ohmic “RO”
signal is desired, an external pull-up resistor to the output “Q” can be connected. Since the maximum “RO” sink
current is limited, the optional external resistor
R
RO,ext must not below as specified in Item 8.2.8.
Reset Output “RO” Low for
V
Q ≥ 1V
In case of an undervoltage reset condition reset output “RO” is held “low” for
V
Q ≥ 1 V, even if the input voltage VI
is 0 V. This is achieved by supplying the reset circuit from the output capacitor.
Reset Adjust Function
The undervoltage reset switching threshold can be adjusted according to the application’s needs by connecting
an external voltage divider (
R
ADJ1, RADJ2) at pin “RADJ”. For selecting the default threshold connect pin “RADJ” to
GND. The reset adjustment range is given in Item 8.2.6.
When dimensioning the voltage divider, take into consideration that there will be an additional current constantly
flowing through the resistors.
With a voltage divider connected, the reset switching threshold
V
RT,new is calculated as follows
with
•
V
RT,new: Desired reset switching threshold.
•
R
ADJ,1, RADJ,2: Resistors of the external voltage divider, see Figure 7.
•
V
RADJ,th: Reset adjust switching threshold given in Item 8.2.5.
trr,total
trr,int trr,d
+
=
VRT,new
VRADJ,th
RADJ 1
,
R
+
ADJ 2
,
RADJ 2
,
-----------------------------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com