Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62384FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62384FP
Description  8-Bit, 4-Channel, 3 to 5 V D-A Converter (Buffered)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62384FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62384FP Datasheet HTML 1Page - Renesas Technology Corp M62384FP Datasheet HTML 2Page - Renesas Technology Corp M62384FP Datasheet HTML 3Page - Renesas Technology Corp M62384FP Datasheet HTML 4Page - Renesas Technology Corp M62384FP Datasheet HTML 5Page - Renesas Technology Corp M62384FP Datasheet HTML 6Page - Renesas Technology Corp M62384FP Datasheet HTML 7Page - Renesas Technology Corp M62384FP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M62384FP
REJ03F0077-0200 Rev.2.00 Mar 25, 2008
Page 2 of 7
Block Diagram
GND
SLD
SCK
8
SDI
VDD
CS0
CS1
Vref
Ao1
Ao2
Ao3
Ao4
VSS
RST
VCC
1
2
36
7
16
15
10
12-bit shift register
Power-on
reset
4
5
14
13
12
11
9
Channel
decoder
8-bit latch
8-bit D-A
8-bit D-A
8-bit D-A
8-bit D-A
8-bit latch
8-bit latch
8-bit latch
Pin Functions
Pin No.
Symbol
Function
1, 8
GND
Analog GND: analog circuit GND
(D-A converter lower reference voltage)
2
Ao1
3
Ao2
6
Ao3
7
Ao4
D-A converter output pins (ch1 to ch4): full-swing buffer output
Output voltage: Ao (00)h = 0V, Ao (FF)h = 255/256
× VREF
4
Vcc
Analog power supply (3 V to 5 V)
Must rise simultaneously with VDD or after VDD rise.
5
Vref
D-A converter upper reference voltage input pin
9
Vss
Digital GND
10
SLD
Serial load signal input pin (Schmitt trigger input: with input hysteresis)
When SLD is high, data is loaded from shift register into 8-bit latch corresponding to
address.
11
SDI
Serial data input pin (TTL input in case of 5 V power supply)
Inputs serial data with a 12-bit data length (MSB-first).
12
SCK
Serial clock signal input pin (Schmitt trigger input: with input hysteresis)
At rising edge, data is read into shift register one bit at a time.
13
VDD
Digital power supply pin (3 V to 5 V)
When power supply rises, D-A output is reset (0 V output: power-on reset).
14
RST
Forced reset pin (TTL input in case of 5 V power supply)
L: D-A output (AO1 to 4) = Fixed setting of 0 V
H: Reset release (power-on reset operation)
15
CS0
16
CS1
Chip select pins (TTL input in case of 5 V power supply)
Access possible only when chip select data (D11, D10) and pin (CS1, CS0) logic
match.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com