Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7317PBF Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IRF7317PBF
Description  Generartion V Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF7317PBF Datasheet(HTML) 4 Page - Infineon Technologies AG

  IRF7317PBF Datasheet HTML 1Page - Infineon Technologies AG IRF7317PBF Datasheet HTML 2Page - Infineon Technologies AG IRF7317PBF Datasheet HTML 3Page - Infineon Technologies AG IRF7317PBF Datasheet HTML 4Page - Infineon Technologies AG IRF7317PBF Datasheet HTML 5Page - Infineon Technologies AG IRF7317PBF Datasheet HTML 6Page - Infineon Technologies AG IRF7317PBF Datasheet HTML 7Page - Infineon Technologies AG IRF7317PBF Datasheet HTML 8Page - Infineon Technologies AG IRF7317PBF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF7317PbF
Fig 5. Normalized On-Resistance
Vs. Temperature
Fig 8. Maximum Avalanche Energy
Vs. Drain Current
Fig 6. Typical On-Resistance Vs. Drain
Current
Fig 7. Typical On-Resistance Vs. Gate
Voltage
N-Channel
25
50
75
100
125
150
0
50
100
150
200
250
300
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
1.8A
3.3A
4.1A
-60 -40 -20 0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
4.5V
6.0A
0.01
0.02
0.03
0.04
0.05
0246
8
A
GS
V
, Gate-to-Source Voltage (V)
I
= 6.6A
D
0.020
0.024
0.028
0.032
0
102030
A
I , Drain Current (A)
D
V
= 4.5V
GS
V
= 2.7V
GS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com