Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G47PBY6XXX Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32G47PBY6XXX
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213DMIPS, 128 KB SRAM, rich analog, math accelerator
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G47PBY6XXX Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32G47PBY6XXX Datasheet HTML 67Page - STMicroelectronics STM32G47PBY6XXX Datasheet HTML 68Page - STMicroelectronics STM32G47PBY6XXX Datasheet HTML 69Page - STMicroelectronics STM32G47PBY6XXX Datasheet HTML 70Page - STMicroelectronics STM32G47PBY6XXX Datasheet HTML 71Page - STMicroelectronics STM32G47PBY6XXX Datasheet HTML 72Page - STMicroelectronics STM32G47PBY6XXX Datasheet HTML 73Page - STMicroelectronics STM32G47PBY6XXX Datasheet HTML 74Page - STMicroelectronics STM32G47PBY6XXX Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 229 page
background image
PB0
-
-
TIM3_CH3
-
TIM8_
CH2N
-
TIM1_CH2
N
--
-
QUADSPI_B
K1_IO1
--
-
UCPD_
FRSTX
EVENT
OUT
PB1
-
-
TIM3_CH4
-
TIM8_
CH3N
-
TIM1_CH3
N
-
COMP4_O
UT
-
QUADSPI_B
K1_IO0
-
LPUART1_RTS
_DE
--
EVENT
OUT
PB2
-
LPTIM1_OUT
TIM5_CH1
TIM20_CH1
I2C3_
SMBA
--
-
-
-
QUADSPI_B
K2_IO1
--
-
-
EVENT
OUT
PB3
JTDO-
TRACESWO
TIM2_CH2
TIM4_ETR
USB_CRS_SYN
C
TIM8_
CH1N
SPI1_SCK
SPI3_SCK/I
2S3_CK
USART2_TX
-
-
TIM3_ETR
CAN3_R
X
--
SAI_SCK
_B
EVENT
OUT
PB4
JTRST
TIM16_CH1
TIM3_CH1
-
TIM8_
CH2N
SPI1_MISO
SPI3_MISO
USART2_R
X
UART5_RT
S_DE
-
TIM17_BKIN
CAN3_T
X
--
SAI_MCL
K_B
EVENT
OUT
PB5
-
TIM16_BKIN
TIM3_CH2
TIM8_CH3N
I2C1_
SMBA
SPI1_MOSI
SPI3_MOSI
/I2S3_SD
USART2_C
K
I2C3_SDA
CAN2_R
X
TIM17_CH1
LPTIM1_I
N1
SAI_SD_B
-
UART5_
CTS
EVENT
OUT
PB6
-
TIM16_CH1N
TIM4_CH1
I2C4_SCL
I2C1_
SCL
TIM8_CH1
TIM8_ETR
USART1_TX
COMP4_O
UT
CAN2_T
X
TIM8_BKIN2
LPTIM1_
ETR
--
SAI_FS_
B
EVENT
OUT
PB7
-
TIM17_CH1N
TIM4_CH2
I2C4_SDA
I2C1_
SDA
TIM8_BKIN
-
USART1_R
X
COMP3_O
UT
CAN2_T
XFD
TIM3_CH4
LPTIM1_I
N2
FMC_NL
-
UART4_
CTS
EVENT
OUT
PB8
-
TIM16_CH1
TIM4_CH3
SAI_CK1
I2C1_
SCL
--
USART3_R
X
COMP1_O
UT
CAN1_R
X
TIM8_CH2
-
TIM1_BKIN
-
SAI_MCL
K_A
EVENT
OUT
PB9
-
TIM17_CH1
TIM4_CH4
SAI_D2
I2C1_
SDA
-
IR_OUT
USART3_TX
COMP2_O
UT
CAN1_T
X
TIM8_CH3
-
TIM1_CH3N
-
SAI_FS_
A
EVENT
OUT
PB10
-
TIM2_CH3
-
-
-
-
-
USART3_TX
LPUART1_
RX
-
QUADSPI_C
LK
CAN3_T
XFD
TIM1_BKIN
-
SAI_SCK
_A
EVENT
OUT
PB11
-
TIM2_CH4
-
-
-
-
-
USART3_R
X
LPUART1_
TX
-
QUADSPI_B
K1_NCS
CAN3_R
XFD
--
-
EVENT
OUT
PB12
-
-
TIM5_ETR
-
I2C2_
SMBA
SPI2_NSS/I2
S2_WS
TIM1_BKIN
USART3_C
K
LPUART1_
RTS_DE
CAN2_R
X
--
-
-
-
EVENT
OUT
PB13
-
-
-
-
-
SPI2_SCK/I2
S2_CK
TIM1_CH1
N
USART3_CT
S
LPUART1_
CTS
CAN2_T
X
--
-
-
-
EVENT
OUT
PB14
-
TIM15_CH1
-
-
-
SPI2_MISO
TIM1_CH2
N
USART3_RT
S_DE
COMP4_O
UT
---
-
-
-
EVENT
OUT
PB15
RTC_REFIN
TIM15_CH2
TIM15_CH1N
COMP3_OUT
TIM1_
CH3N
SPI2_MOSI/I
2S2_SD
-
-
-
---
-
-
-
EVENT
OUT
Table 13. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
LPTIM1/
TIM2/5/
15/16/17
I2C3/
TIM1/2/3/4/5/8/1
5/20/
GPCOMP1
QUADSPI/
I2C3/4/SAI/
USB/
TIM8/15/20/GPC
OMP3/
TSC
I2C1/2/3/
4/
TIM1/8/1
6/17
QUADSPI/SP
I1/2/3/4/I2S2/
3/
I2C4/
UART4/5/TIM
8/
Infrared
QUADSPI/S
PI2/3/
I2S2/3/
TIM1/5/8/20
/
Infrared
USART1/2/3
/CAN/
GPCOMP5/6
/7
I2C3/4/
UART4/5/L
PUART1/G
PCOMP1/2/
3/4/5/6/7
CAN/
TIM1/8/1
5/CAN1/2
QUADSPI/TI
M2/3/4/8/17
LPTIM1/
TIM1/8/C
AN1/3
SDIO/FMC/
LPUART1/
SAI
TIM1
SAI/OPAMP2
UART4/5/
SAI/
TIM2/15/
UCPD
EVENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com