Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC299B1R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC299B1R
Description  8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC299B1R Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC299B1R Datasheet HTML 1Page - STMicroelectronics M74HC299B1R Datasheet HTML 2Page - STMicroelectronics M74HC299B1R Datasheet HTML 3Page - STMicroelectronics M74HC299B1R Datasheet HTML 4Page - STMicroelectronics M74HC299B1R Datasheet HTML 5Page - STMicroelectronics M74HC299B1R Datasheet HTML 6Page - STMicroelectronics M74HC299B1R Datasheet HTML 7Page - STMicroelectronics M74HC299B1R Datasheet HTML 8Page - STMicroelectronics M74HC299B1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
M74HC299
2/13
IINPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
* When one or both output controls are high, the eight input/output terminals are in the high impedance state: however sequential operation
or clearing of the register is not affected.
Z : High Impedance
Qn0 : The level of An before the indicated steady state input conditions were established.
Qnn : The level of Qn before the most recent active transition indicated by
OR
a, h : The level of the steady state inputs A, H, respectively.
X : Don’t Care
PIN No
SYMBOL
NAME AND FUNCTION
1, 19
S0, S1
Mode Select Inputs
2, 3
G1, G2
3-State Output Enable Inputs (Active LOW)
7, 13, 6, 14, 5, 15, 4, 16
A/QA to H/QH
Parallel Data Inputs or 3-State Parallel Outputs (Bus Driver)
8, 17
QA’ to QH’
Serial Outputs (Standard Output)
9
CLEAR
Asynchronous Master Reset Input (Active LOW)
11
SR
Serial Data Shift Right Input
12
CLOCK
Clock Input (LOW to HIGH, Edge-triggered)
18
SL
Serial Data Shift Left Input
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
MODE
INPUTS
INPUTS/OUTPUTS
OUTPUTS
CLEAR
FUNCTION
SELECTED
OUTPUT
CONTROL
CLOCK
SERIAL
A/QA
H/QH
QA’
QH’
S1
S0
G1*G2*SL
SR
Z
L
H
H
X
XXX
X
Z
Z
L
L
CLEAR
L
L
X
L
L
X
X
X
LLLL
L
X
L
L
L
X
X
X
LLLL
HOLD
H
L
L
L
L
X
X
X
QA0
QH0
QA0
QH0
SHIFT
RIGHT
H
L
H
L
L
X
H
H
QGn
H
QGn
H
L
H
L
L
X
L
L
QGn
L
QGn
SHIFT
LEFT
H
H
L
L
L
H
X
QBnH
QBnH
H
H
L
L
L
L
X
QBnL
QBnL
LOAD
H
H
H
X
X
X
X
ahah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com