Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK166 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSK166
Description  ULTRA HIGH VOLTAGE OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MSK166 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSK166 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSK166 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSK166 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSK166 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSK166 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
350V
60mA
120mA
±16V
±Vcc
150°C
Total Supply Voltage
Output Current (within S.O.A.)
Output Current Peak
Input Voltage (Differential)
Input Voltage (Common Mode)
Junction Temperature
-65°C to +150°C
300°C
-55°C to +125°C
-40°C to +85°C
15°C/W
1
2
3
4
5
6
7
8
9
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
RTH
VCC
±IOUT
±IOUTP
VIND
VIN
TJ
Unless otherwise noted CC=18pF, RC=2.2KΩ, ±VCC= ±150VDC, null pins one and two are no connect.
Derate maximum supply voltage 0.5V/°C below TC=+25°C. No derating is needed above TC=25°C.
AV=-10V/V measured in false summing junction circuit.
Devices shall be capable of meeting the parameter, but need not be tested. Typical parameters are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise requested.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4 TC=+25°C
Subgroup 2,5
TC=+125°C
Subgroup 3,6 TA=-55°C
Electrical specifications are derated for power supply voltages less than ±50VDC.
Storage Temperature
Lead Temperature
Case Operating Temperature
(MSK166B/167B)
(MSK166/167)
Thermal Resistance (DC)
Junction to Case
VIN=0V
VIN=0V
VIN=0V
VIN=0V
VCM=0V
(DC)
VCM=±90VDC
1Hz≤f≤10Hz
IOUT=±40mA Peak
VOUT=MAX
CC=10pF VOUT=280VPP
No Load, RCL=0Ω
CC=10pF 10V Step
AV=+1V/V
CC=Open
F=15Hz RL=5KΩ
Group A
Subgroup
-
1
2
3
1
2,3
1
1,3
2
-
-
-
-
4
4
-
-
-
-
4
4
STATIC
Supply Voltage Range
INPUT
Offset Voltage
Offset Voltage Drift
Offset Voltage vs ±Vcc
Input Bias Current
Input Impedance
Input Capacitance
Common Mode Rejection
Noise
OUTPUT
Output Voltage Swing
Output Current
Power Bandwidth
Resistance
Settling Time to 0.1%
Capacitive Load
TRANSFER CHARACTERISTICS
Slew Rate
Open Loop Voltage Gain
Typ.
±150
±1.4
±2.0
±1.0
±15
±40
±20
±5
-
10
5
94
50
±141
±120
26
150
12
-
40
106
Min.
±50
-
-
-
-
-
-
-
-
-
-
84
-
±138
±60
-
-
-
10
20
94
Min.
±50
-
-
-
-
-
-
-
-
-
-
84
-
±138
±60
-
-
-
10
20
94
Max.
±175
±2.0
-
-
±30
-
±32
±100
-
-
-
-
-
-
-
-
-
-
-
-
-
Typ.
±150
±1.4
-
-
±15
±40
±20
±5
-
10
5
94
50
±141
±120
26
150
12
-
40
106
Units
V
mA
mA
mA
mV
µV/°C
µV/V
pA
nA
Ω
pF
dB
µVRMS
V
mA
KHz
Ω
µS
nF
V/µS
dB
MSK166B/167B
MSK166/167
2
Parameter
Max.
±175
±2.0
±3.0
±2.1
±30
±65
±32
±50
±50
-
-
-
-
-
-
-
-
-
-
-
-
4
Test Conditions
ELECTRICAL SPECIFICATIONS
4
4
1
4
4
3 4
NOTES:
4
4
4
2
9
4
4
11
11
4
Quiescent Current
Rev. B 8/00
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com