Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBF05012A006V-007-R Datasheet(PDF) 1 Page - TDK Electronics

Part # IBF05012A006V-007-R
Description  DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IBF05012A006V-007-R Datasheet(HTML) 1 Page - TDK Electronics

  IBF05012A006V-007-R Datasheet HTML 1Page - TDK Electronics IBF05012A006V-007-R Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC-DC Converters
1 of 1
Creation Date : January 19, 2021 (GMT)
iBF05012A006V-007-R
Sales Region
Worldwide
Series
iBF
Model
iBF
Status
Production
Recommended Alternate Part No. : None
Option
LGA/Negative
Option Lineup
Please refer to here.
Recommended EMC Filter
Accessories
Please refer to the catalog
Electrical Characteristics
Nominal Input Voltage[DC]
3.3/5Vdc
Input Voltage Range[DC]
2.4 to 5.5Vdc
Efficiency
93% Typ.
Rated Output Voltage[DC]
600mVdc
Output Voltage Range[DC]
0.6 to 3.63Vdc
Output Current Range
0 to 12A
Maximum Ripple Noise
20mV
Maximum Output Power
43.5W
Withstanding Voltage1
Withstanding Voltage2
Withstanding Voltage3
Package Type & Size
Package / Mounting
PCB mount
Width(W)
20.32mm Nom. (0.80in Nom.)
Height(H)
8.5mm Nom. (0.33in Nom.)
Depth(D)
11.43mm Nom. (0.45in Nom.)
Weight
5.5g Typ.
Industry Standard Size
Terminal Style
SMD
Other
Operating Temp. Range
-40 to 115°C
Isolation
Non-isolated
Feature


Similar Part No. - IBF05012A006V-007-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
iBF05012A006V-003-R TDK-iBF05012A006V-003-R Datasheet
213Kb / 2P
12A Non-isolated SMT Point Of Load
More results

Similar Description - IBF05012A006V-007-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com