Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD352ID Datasheet(PDF) 9 Page - STMicroelectronics

Part # TD352ID
Description  Advanced IGBT/MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD352ID Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TD352ID Datasheet HTML 5Page - STMicroelectronics TD352ID Datasheet HTML 6Page - STMicroelectronics TD352ID Datasheet HTML 7Page - STMicroelectronics TD352ID Datasheet HTML 8Page - STMicroelectronics TD352ID Datasheet HTML 9Page - STMicroelectronics TD352ID Datasheet HTML 10Page - STMicroelectronics TD352ID Datasheet HTML 11Page - STMicroelectronics TD352ID Datasheet HTML 12Page - STMicroelectronics TD352ID Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Typical Performance Curves
TD352
9/13
6 Typical Performance Curves
Figure 7. Quiescent current vs. temperature
Figure 8. Low level output voltage vs.
temperature
Figure 9. Sink current vs. temperature
Figure 10. Rdel resistance vs. temperature
Figure 11. High level output voltage vs.
temperature
Figure 12. Source current vs. temperature
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
Temp (°C)
0.0
1.0
2.0
3.0
-50
-25
0
25
50
75
100
125
Temp (°C)
Iosink=20mA
Iosink=500mA
0.0
1.0
2.0
3.0
-50
-25
0
25
50
75
100
125
Temp (°C)
Iosink=20mA
Iosink=500mA
1000
1200
1400
1600
1800
2000
-50
-25
0
25
50
75
100
125
Temp (°C)
0
100
200
300
400
500
-50
-25
0
255075
100
125
Temp (°C)
0.0
1.0
2.0
3.0
4.0
-50
-25
0
25
50
75
100
125
Temp (°C)
Iosource=20mA
Iosource=500mA
0.0
1.0
2.0
3.0
4.0
-50
-25
0
25
50
75
100
125
Temp (°C)
Iosource=20mA
Iosource=500mA
800
1000
1200
1400
1600
-50
-25
0
25
50
75
100
125
Temp (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com