Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XUSZASL2PPS Datasheet(PDF) 1 Page - Schneider Electric

Part # XUSZASL2PPS
Description  Safety light curtain muting arm L 2parallel single beam high speed conveyor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XUSZASL2PPS Datasheet(HTML) 1 Page - Schneider Electric

  XUSZASL2PPS Datasheet HTML 1Page - Schneider Electric XUSZASL2PPS Datasheet HTML 2Page - Schneider Electric XUSZASL2PPS Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Jan 19, 2021
1
Product data sheet
Characteristics
XUSZASL2PPS
Safety light curtain muting arm L 2parallel
single beam high speed conveyor
Main
Range of product
Preventa Safety detection
Product or component
type
Single-beam prebuilt muting arms
Device short name
XUSZAS
Output type
2 discrete solid-state PNP (NO)
[Sn] nominal sensing
distance
0…3.5 m
Number of beams
1
Complementary
Product compatibility
XUSL4M
Detection system
Polarised reflex
Product specific application
Conveyor system exit direction
Conveyor system high speed
Specific application of photoelectric detector
Detection of opaque parts
Sensing range
> 40 cm space between package
Response time
< 100 ms
Kit composition
Reflex system photo-electric sensor
quick start guide
Emission
IR LED
[Us] rated supply voltage
24 V DC +/- 20 %
Supply
Via connector
Current consumption
42 mA
Output voltage
24 V
Output circuit type
DC
Maximum voltage drop
<0.5 V
Switching capacity in mA
100 mA
Local signalling
2 yellow LED receiver
Housing colour
Red RAL 3000
Environment
Directives
2011/65/EU - RoHS directive
1907/2006/EC - REACH directive
2002/96/EC - WEEE directive
98/37/EEC - machinery
89/336/EEC - electromagnetic compatibility
Product certifications
CE
Safety reliability data
PFHd = 2.73E-7 1/h
Ambient air temperature for operation
-30…55 °C
Ambient air temperature for storage
-30…70 °C
Relative humidity
0…95 % without condensation
IP degree of protection
IP65
Shock resistance
10 gn for 16 ms conforming to IEC 61496-1
Vibration resistance
0.35 +/- 0.05 mm (f= 10…55 Hz) conforming to IEC 61496-1


Similar Part No. - XUSZASL2PPS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XUSZASL2PP SCHNEIDER-XUSZASL2PP Datasheet
91Kb / 3P
Safety light curtain muting arm L 2parallel single beam
Jan 19, 2021
XUSZASL2PPT SCHNEIDER-XUSZASL2PPT Datasheet
92Kb / 3P
Safety light curtain muting arm L 2parallel single beam transparent material
Jan 19, 2021
More results

Similar Description - XUSZASL2PPS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XUSZAML2PTS SCHNEIDER-XUSZAML2PTS Datasheet
89Kb / 3P
Safety light curtain muting arm L 2parallel multi-beams high speed conveyor
Jan 19, 2021
XUSZAML2XP SCHNEIDER-XUSZAML2XP Datasheet
89Kb / 3P
Safety light curtain muting arm L 2 parallel multi-beams
Jan 19, 2021
XUSZAMT4PTS SCHNEIDER-XUSZAMT4PTS Datasheet
87Kb / 3P
Safety light curtain muting arm T 4P multibeams high speed conveyor
Jan 19, 2021
XUSZASL2PP SCHNEIDER-XUSZASL2PP Datasheet
91Kb / 3P
Safety light curtain muting arm L 2parallel single beam
Jan 19, 2021
XUSZASL2PPT SCHNEIDER-XUSZASL2PPT Datasheet
92Kb / 3P
Safety light curtain muting arm L 2parallel single beam transparent material
Jan 19, 2021
XUSZASL2XT SCHNEIDER-XUSZASL2XT Datasheet
92Kb / 3P
Safety light curtain muting arm L 2crossed single beam
Jan 19, 2021
XUSZAST2XT SCHNEIDER-XUSZAST2XT Datasheet
84Kb / 3P
Safety light curtain muting arm T 2crossed single beam
Jan 19, 2021
XUSZAST4PP SCHNEIDER-XUSZAST4PP Datasheet
88Kb / 3P
Safety light curtain muting arm T 4parallel single beam
Jan 19, 2021
XUSZAST4PPS SCHNEIDER-XUSZAST4PPS Datasheet
92Kb / 3P
Safety light curtain muting arm T 4parallel single beam high speed conveyor
Jan 19, 2021
XUSZAST4PPT SCHNEIDER-XUSZAST4PPT Datasheet
88Kb / 3P
Safety light curtain muting arm T 4parallel single beam transparent material
Jan 19, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com