Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XUSZASL2XT Datasheet(PDF) 1 Page - Schneider Electric

Part # XUSZASL2XT
Description  Safety light curtain muting arm L 2crossed single beam
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XUSZASL2XT Datasheet(HTML) 1 Page - Schneider Electric

  XUSZASL2XT Datasheet HTML 1Page - Schneider Electric XUSZASL2XT Datasheet HTML 2Page - Schneider Electric XUSZASL2XT Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Jan 19, 2021
1
Product data sheet
Characteristics
XUSZASL2XT
Safety light curtain muting arm L 2crossed
single beam
Main
Range of product
Preventa Safety detection
Product or component
type
Single-beam prebuilt muting arms
Device short name
XUSZAS
Output type
2 discrete solid-state PNP (NO)
[Sn] nominal sensing
distance
0…2.5 m
Number of beams
1
Complementary
Product compatibility
XUSL4M
Detection system
Through beam
Product specific application
Conveyor system exit direction
Conveyor system normal speed
Specific application of photoelectric detector
Detection of opaque parts
Sensing range
0...10 cm space between package
> 32 cm space between package
Response time
< 100 ms
Kit composition
Transmitter + receiver
quick start guide
Emission
IR LED
[Us] rated supply voltage
24 V DC +/- 20 %
Supply
Via connector
Current consumption
42 mA
Output voltage
24 V
Output circuit type
DC
Maximum voltage drop
<0.5 V
Local signalling
2 yellow LED receiver
Housing colour
Red RAL 3000
Environment
Directives
2011/65/EU - RoHS directive
1907/2006/EC - REACH directive
2002/96/EC - WEEE directive
98/37/EEC - machinery
89/336/EEC - electromagnetic compatibility
Product certifications
CE
Safety reliability data
PFHd = 2.73E-7 1/h
Ambient air temperature for operation
-30…55 °C
Ambient air temperature for storage
-30…70 °C
Relative humidity
0…95 % without condensation
IP degree of protection
IP65
Shock resistance
10 gn for 16 ms conforming to IEC 61496-1
Vibration resistance
0.35 +/- 0.05 mm (f= 10…55 Hz) conforming to IEC 61496-1


Similar Part No. - XUSZASL2XT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XUSZASL2PP SCHNEIDER-XUSZASL2PP Datasheet
91Kb / 3P
Safety light curtain muting arm L 2parallel single beam
Jan 19, 2021
XUSZASL2PPS SCHNEIDER-XUSZASL2PPS Datasheet
91Kb / 3P
Safety light curtain muting arm L 2parallel single beam high speed conveyor
Jan 19, 2021
XUSZASL2PPT SCHNEIDER-XUSZASL2PPT Datasheet
92Kb / 3P
Safety light curtain muting arm L 2parallel single beam transparent material
Jan 19, 2021
More results

Similar Description - XUSZASL2XT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XUSZAML2PTS SCHNEIDER-XUSZAML2PTS Datasheet
89Kb / 3P
Safety light curtain muting arm L 2parallel multi-beams high speed conveyor
Jan 19, 2021
XUSZAML2XP SCHNEIDER-XUSZAML2XP Datasheet
89Kb / 3P
Safety light curtain muting arm L 2 parallel multi-beams
Jan 19, 2021
XUSZAMT2XT SCHNEIDER-XUSZAMT2XT Datasheet
87Kb / 3P
Safety light curtain muting arm T 2crossed multi-beams
Jan 19, 2021
XUSZASL2PP SCHNEIDER-XUSZASL2PP Datasheet
91Kb / 3P
Safety light curtain muting arm L 2parallel single beam
Jan 19, 2021
XUSZASL2PPS SCHNEIDER-XUSZASL2PPS Datasheet
91Kb / 3P
Safety light curtain muting arm L 2parallel single beam high speed conveyor
Jan 19, 2021
XUSZASL2PPT SCHNEIDER-XUSZASL2PPT Datasheet
92Kb / 3P
Safety light curtain muting arm L 2parallel single beam transparent material
Jan 19, 2021
XUSZAST2XT SCHNEIDER-XUSZAST2XT Datasheet
84Kb / 3P
Safety light curtain muting arm T 2crossed single beam
Jan 19, 2021
XUSZAST4PP SCHNEIDER-XUSZAST4PP Datasheet
88Kb / 3P
Safety light curtain muting arm T 4parallel single beam
Jan 19, 2021
XUSZAST4PPS SCHNEIDER-XUSZAST4PPS Datasheet
92Kb / 3P
Safety light curtain muting arm T 4parallel single beam high speed conveyor
Jan 19, 2021
XUSZAST4PPT SCHNEIDER-XUSZAST4PPT Datasheet
88Kb / 3P
Safety light curtain muting arm T 4parallel single beam transparent material
Jan 19, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com