Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC240201 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PVC240201
Description  Liquid Crystal Displays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PVC240201 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PVC240201 Datasheet HTML 1Page - List of Unclassifed Manufacturers PVC240201 Datasheet HTML 2Page - List of Unclassifed Manufacturers PVC240201 Datasheet HTML 3Page - List of Unclassifed Manufacturers PVC240201 Datasheet HTML 4Page - List of Unclassifed Manufacturers PVC240201 Datasheet HTML 5Page - List of Unclassifed Manufacturers PVC240201 Datasheet HTML 6Page - List of Unclassifed Manufacturers PVC240201 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Dot Matrix Modules (Complementary Programme)
Manufacturer: AC/AD = AMPIRE CO., LTD.,
EDM
= DALIAN DONGFU COLOR DISPLAY CO., LTD.,
TM
= TIANMA MICROELECTRONICS CO., LTD.
Q = white or blue LED backlight (height 11.0 mm)
*optionally 3.3 V or 4.5 V
Display Size
Model No.
Module Size
Viewing
Character
Duty
Technology
Backlight
Fea-
(Characters/
(w x h x d1/d2)
Area
Size
Rate
TN
STN
STN
FSTN
none
LED
EL
tures
Lines)
d1/d2 =
grey
yellow
b/w
without/with LED
Identification Character
Ident. Character
8 x 2
AC082A
58.0 x 32.0 x 10.0/13.8
35.0 x 15.0
2.95 x 5.55
1/16
N
G
Y
-
A
L
-
3.3V*
8 x 2
TM82A
58.0 x 32.0 x 12.0/13.1
35.0 x 15.0
2.45 x 5.00
1/16
A
D
B
-
A
C
-
5.0V
16 x 1
AC161J
151.0 x 40.0 x ------/14.7
120.0 x 23.0
6.00 x 14.5
1/16
N
G
Y
-
A
L/Q
E
big
16 x 2
AC162A
85.0 x 29.5 x 10.0/14.5
64.0 x 17.2
2.95 x 5.55
1/16
N
G
Y
-
A
L/Q
E
3.3V*
16 x 2
AC162B
80.0 x 36.0 x 10.0/14.5
64.0 x 17.2
2.95 x 5.55
1/16
N
G
Y
-
A
L/Q
E
3.3V*
16 x 2
AC162C
80.0 x 36.0 x 10.0/14.5
64.0 x 17.2
2.95 x 5.55
1/16
N
G
Y
-
A
L/Q
E
3.3V*
16 x 2
AC162D
84.0 x 44.0 x 10.0/14.5
64.0 x 17.2
2.95 x 5.55
1/16
N
G
Y
-
A
L/Q
E
3.3V*
16 x 2
AC162E
122.0 x 44.0 x 10.5/14.5
99.0 x 24.0
4.84 x 8.06
1/16
N
G
Y
-
A
L/Q
E
3.3V*
16 x 2
TM162X
53.0 x 20.0 x 8.1/----
36.0 x 10.0
1.85 x 3.15
1/16
A
D
B
-
A
-
-
mini
16 x 4
AC164A
87.0 x 60.0 x 11.0/14.0
61.4 x 25.0
2.95 x 4.75
1/16
N
G
Y
-
A
L
E
3.3V*
16 x 4
EDM1604B
115.0 x 70.0 x 10.0/----
88.0 x 44.2
4.45 x 8.95
1/16
√√
√
-
√
-
-
big
20 x 1
TM201A
182.0 x 33.5 x 12.7/15.0
154.3 x 15.3
6.70 x 11.5
1/16
A
D
B
-
A
C
-
big
20 x 2
AC202A
116.0 x 37.0 x 10.0/14.5
83.0 x 18.5
3.20 x 5.55
1/16
N
G
Y
-
A
L/Q
E
3.3V*
20 x 2
AC202B
180.0 x 40.0 x 9.5/15.0
149.0 x 23.0
6.00 x 9.66
1/16
N
G
Y
-
A
L/Q
E
3.3V*
20 x 2
AC202D
182.0 x 60.0 x ------/14.0
147.0 x 35.2
5.90 x 12.7
1/16
-
-
Y
-
-
L
-
big
20 x 4
AC204A
97.2 x 60.0 x 10.5/14.5
76.0 x 25.2
2.95 x 4.75
1/16
-
G
Y
-
-
L/Q
-
3.3V*
20 x 4
AC204B
146.0 x 62.5 x 10.5/14.5
123.0 x 42.5
4.84 x 9.22
1/16
-
G
Y
-
A
L
E
3.3V*
24 x 1
TM241A
118.0 x 36.0 x 11.0/15.0
93.5 x 15.8
3.20 x 8.20
1/16
A
D
B
-
A
C
-
big
24 x 4
EDM2404A
119.4 x 56.9 x 10.0/---
91.2 x 29.9
2.95 x 5.55
1/16
√√
√
-
√
-
-
big
24 x 8
EDM2408A
120.5 x 81.5 x 10.0/---
91.8 x 52.3
3.20 x 5.55
1/36
-
√√
-
√
-
-
big
80 x 4
EDM8004A
289.0 x 88.0 x 10.0/---
227.0 x 34.0
2.38 x 5.42
1/36
-
√√
-
√
-
-
big



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com