Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552CCT6PTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32L552CCT6PTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552CCT6PTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32L552CCT6PTR Datasheet HTML 17Page - STMicroelectronics STM32L552CCT6PTR Datasheet HTML 18Page - STMicroelectronics STM32L552CCT6PTR Datasheet HTML 19Page - STMicroelectronics STM32L552CCT6PTR Datasheet HTML 20Page - STMicroelectronics STM32L552CCT6PTR Datasheet HTML 21Page - STMicroelectronics STM32L552CCT6PTR Datasheet HTML 22Page - STMicroelectronics STM32L552CCT6PTR Datasheet HTML 23Page - STMicroelectronics STM32L552CCT6PTR Datasheet HTML 24Page - STMicroelectronics STM32L552CCT6PTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 340 page
background image
DS12737 Rev 6
21/340
STM32L552xx
Functional overview
78
ICACHE offers the following features:
•
Multi-bus interface:
–
slave port receiving the memory requests from the Cortex®-M33 C-AHB code
execution port
–
master1 port performing refill requests to internal memories (FLASH and SRAMs)
–
master2 port performing refill requests to external memories (external
FLASH/RAMs through Octo-SPI/FMC interfaces)
–
a second slave port dedicated to ICACHE registers access.
•
Close to zero wait states instructions/data access performance:
–
0 wait-state on cache hit
–
hit-under-miss capability, allowing to serve new processor requests while a line
refill (due to a previous cache miss) is still ongoing
–
critical-word-first refill policy, minimizing processor stalls on cache miss
–
hit ratio improved by 2-ways set-associative architecture and pLRU-t replacement
policy (pseudo-least-recently-used, based on binary tree), algorithm with best
complexity/performance balance
–
dual master ports allowing to decouple internal and external memory traffics, on
Fast and Slow buses, respectively; also minimizing impact on interrupt latency
–
optimal cache line refill thanks to AHB burst transactions (of the cache line size).
–
performance monitoring by means of a hit counter and a miss counter.
•
Extension of cacheable region beyond Code memory space, by means of address
remapping logic that allows to define up to 4 cacheable external regions
•
Power consumption reduced intrinsically (most accesses to cache memory rather to
bigger main memories); even improved by configuring ICACHE as direct mapped
(rather than the default 2-ways set-associative mode)
•
TrustZone® security support
•
Maintenance operation for software management of cache coherency
•
Error management: detection of unexpected cacheable write access, with optional
interrupt raising.
3.3
Memory protection unit
The memory protection unit (MPU) is used to manage the CPU accesses to the memory
and to prevent one task to accidentally corrupt the memory or the resources used by any
other active task. This memory area is organized into up to 8 regions for secure and 8
regions for non secure state.
The MPU is especially helpful for applications where some critical or certified code has to be
protected against the misbehavior of other tasks. It is usually managed by an RTOS (real-
time operating system). If a program accesses a memory location that is prohibited by the
MPU, the RTOS can detect it and take action. In an RTOS environment, the kernel can
dynamically update the MPU area setting based on the process to be executed.
The MPU is optional and can be bypassed for applications that do not need it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com