Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU3QXXX Datasheet(PDF) 154 Page - STMicroelectronics

Part # STM32L552VCU3QXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QXXX Datasheet(HTML) 154 Page - STMicroelectronics

Back Button STM32L552VCU3QXXX Datasheet HTML 150Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 151Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 152Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 153Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 154Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 155Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 156Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 157Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 340 page
background image
Table 34. Current consumption in Run and Low-power run modes, code with data processing
running from Flash in single Bank, ICACHE ON in 1-way
Symbol
Parame
ter
Conditions
TYP
MAX
Unit
-
Voltag
e
scaling
fHCLK
25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Run)
Supply
current
in Run
mode
fHCLK =
fHSE up to
48 MHz
included,
bypass
mode PLL
ON above
48 MHz all
peripherals
disabled
Range
2
26 MHz
3.10
3.44
4.37
5.69
8.01
4.28
6.74
12.02
18.70
29.46
mA
16 MHz
2.00
2.32
3.23
4.55
6.86
3.18
5.63
10.89
17.55
28.30
8 MHz
1.11
1.42
2.33
3.64
5.93
2.30
4.73
9.99
16.64
27.37
4 MHz
0.65
0.98
1.87
3.19
5.48
1.86
4.29
9.53
16.18
26.89
2 MHz
0.43
0.74
1.65
2.97
5.24
1.64
4.06
9.31
15.95
26.66
1 MHz
0.32
0.62
1.53
2.85
5.10
1.58
4.01
9.25
15.89
26.61
100 KHz
0.22
0.52
1.43
2.75
5.01
1.43
3.85
9.09
15.73
26.44
Range
0
110 MHz
16.1
16.7
18.2
20.0
23.2
18.54
22.63
30.86
40.70
56.07
Range
1
80 MHz
11.0
11.5
12.8
14.5
17.3
12.97
16.53
23.82
32.71
46.57
72 MHz
10.0
10.5
11.7
13.4
16.2
11.89
15.44
22.72
31.60
45.46
64 MHz
8.90
9.38
10.6
12.3
15.1
10.81
14.35
21.62
30.48
44.30
48 MHz
6.75
7.21
8.41
10.0
12.8
8.63
12.16
19.41
28.26
42.09
32 MHz
4.59
5.03
6.22
7.82
10.6
6.46
9.97
17.18
26.00
39.87
24 MHz
3.51
3.94
5.10
6.72
9.5
5.38
8.88
16.07
24.88
38.73
16 MHz
2.43
2.85
3.99
5.59
8.4
4.3
7.8
15.0
23.7
37.6
IDD
(LPRun)
Supply
current
in Low-
power
run
mode
fHCLK = fMSI
all peripherals
disabled
2 MHz
416
770
1781
3249
5708
2014
4968
12892
19856
31311
µA
1 MHz
291
633
1659
3127
5575
1899
4930
11960
18568
31264
400 KHz
194
557
1583
3043
5502
1827
4765
11905
18328
31256
100 KHz
147
519
1542
3020
5462
1795
4584
11898
18312
31238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com