Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU3QXXX Datasheet(PDF) 156 Page - STMicroelectronics

Part # STM32L552VCU3QXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QXXX Datasheet(HTML) 156 Page - STMicroelectronics

Back Button STM32L552VCU3QXXX Datasheet HTML 152Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 153Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 154Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 155Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 156Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 157Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 158Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 159Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 340 page
background image
Table 36. Current consumption in Run mode, code with data processing
running from Flash in single bank, ICACHE ON in 2-way and power
supplied by internal SMPS step down converter
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
Voltage
scaling
fHCLK
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Run)
Supply
current in
Run mode
fHCLK =
fHSE up to
48 MHz
included,
bypass
mode PLL
ON above
48 MHz all
peripherals
disabled
Range 2
SMPS
LP
mode
26 MHz
1.87
1.95
2.41
3.09
5.03
1.92
2.72
4.63
7.11
11.08
mA
16 MHz
1.23
1.33
1.78
2.45
4.33
1.31
2.09
3.99
6.46
10.42
8 MHz
0.72
0.83
1.28
1.95
3.79
0.81
1.59
3.47
5.93
9.88
4 MHz
0.46
0.58
1.03
1.69
3.52
0.56
1.33
3.22
5.67
9.62
2 MHz
0.33
0.46
0.91
1.55
3.38
0.44
1.21
3.09
5.54
9.48
1 MHz
0.27
0.39
0.84
1.49
3.311
0.41
1.17
3.05
5.51
9.45
100 KHz
0.21
0.34
0.78
1.44
3.25
0.32
1.08
2.96
5.42
9.35
Range 0
SMPS
HP
mode
110 MHz
11.21
11.76
12.72
13.98
17.58
11.49
13.03
16.3
20.32
26.73
IDD
(Run)
Supply
current in
Run mode
fHCLK =
fHSE up to
48MHz
included,
bypass
mode PLL
ON above
48 MHz all
peripherals
disabled
Range 1
SMPS
HP
mode
80 MHz
7.00
7.28
8.37
9.41
11.92
7.52
8.94
11.84
15.22
20.62
72 MHz
6.34
6.61
7.57
8.67
11.20
6.87
8.25
11.19
14.55
19.93
64 MHz
5.68
5.94
6.73
7.96
10.44
6.19
7.55
10.53
13.92
19.26
48 MHz
4.36
4.61
5.28
6.49
8.97
4.82
6.15
9.18
12.6
17.89
32 MHz
3.03
3.25
3.91
4.86
7.48
3.43
4.73
7.7
11.29
16.52
24 MHz
2.36
2.57
3.21
4.13
6.73
2.73
4.01
6.98
10.63
15.82
16 MHz
1.69
1.90
2.53
3.43
5.97
2.03
3.3
6.24
9.95
15.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com