Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU3QXXX Datasheet(PDF) 178 Page - STMicroelectronics

Part # STM32L552VCU3QXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QXXX Datasheet(HTML) 178 Page - STMicroelectronics

Back Button STM32L552VCU3QXXX Datasheet HTML 174Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 175Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 176Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 177Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 178Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 179Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 180Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 181Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 340 page
background image
Table 58. Typical current consumption in Run mode with internal SMPS,
with different codes running from SRAM2
Symbol
Parameter
Conditions
TYP
Unit
TYP
Unit
-
Voltage scaling
Code
25°C
25°C
IDD (Run)
Supply current in Run
mode
fHCLK=fHSE up to 48 MHZ
included, bypass mode
PLL ON above 48 MHz all
peripherals disabled
Range2, LP
fHCLK=26MHz
Reduced code
1.90
mA
73
µA/MHz
Coremark
2.08
80
Dhrystone2.1
1.90
73
Fibonacci
1.98
76
While
2.14
82
Range 1,HP
fHCLK=80 MHz
Reduced code
7.0
mA
88
µA/MHz
Coremark
7.0
88
Dhrystone2.1
7.0
87
Fibonacci
7.3
92
While
8.05
101
Range 0, HP
fHCLK= 110 MHz
Reduced code
11.0
mA
100
µA/MHz
Coremark
11.1
101
Dhrystone2.1
11.2
102
Fibonacci
11.8
108
While
13.1
119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com