Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU3QXXX Datasheet(PDF) 179 Page - STMicroelectronics

Part # STM32L552VCU3QXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QXXX Datasheet(HTML) 179 Page - STMicroelectronics

Back Button STM32L552VCU3QXXX Datasheet HTML 175Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 176Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 177Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 178Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 179Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 180Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 181Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 182Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 340 page
background image
Table 59. Current consumption in Sleep and Low-power sleep mode, Flash ON
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
Voltage
scaling
fHCLK
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Sleep)
Supply
current in
Sleep mode
fHCLK = fHSE
up to 48MHz
included,
bypass mode
PLL ON
above 48
MHz all
peripherals
disabled
Range 2
26 MHz
1.04
1.37
2.36
3.88
6.62
2.25
4.69
9.93
16.57
27.36
mA
16 MHz
0.72
1.04
2.04
3.55
6.30
1.93
4.36
9.60
16.23
27.00
8 MHz
0.46
0.79
1.78
3.29
6.01
1.67
4.10
9.33
15.95
26.70
4 MHz
0.33
0.65
1.65
3.14
5.85
1.54
3.97
9.19
15.80
26.55
2 MHz
0.27
0.58
1.58
3.07
5.78
1.48
3.90
9.12
15.73
26.48
1 MHz
0.24
0.55
1.55
3.03
5.73
1.46
3.88
9.11
15.72
26.46
100 KHz
0.211
0.52
1.52
3.01
5.72
1.42
3.84
9.06
15.67
26.41
Range 0 110 MHz
4.73
5.23
6.62
8.65
12.21
7.00
11.02
19.15
28.98
44.29
Range 1
80 MHz
3.31
3.74
5.01
6.88
10.19
5.20
8.71
15.92
24.74
38.70
72 MHz
3.01
3.44
4.71
6.56
9.86
4.90
8.40
15.61
24.42
38.36
64 MHz
2.71
3.14
4.41
6.26
9.56
4.60
8.10
15.29
24.10
38.03
48 MHz
2.10
2.53
3.79
5.62
8.92
3.98
7.47
14.66
23.45
37.38
32 MHz
1.49
1.91
3.17
4.98
8.27
3.37
6.84
14.00
22.78
36.67
24 MHz
1.18
1.60
2.84
4.67
7.93
3.06
6.52
13.68
22.44
36.32
16 MHz
0.88
1.29
2.53
4.34
7.60
2.75
6.21
13.35
22.10
35.96
IDD(LPSl
eep)
Supply
current in
Low-power
sleep mode
fHCLK = fMSI
all peripherals disabled
2 MHz
205.22 584.41
1712
3383
6283
1843
4745
12643
19003
31504
µA
1 MHz
192.80 547.20
1678
3343
6248
1815
4665
12037
18615
31391
400 KHz 143.73 520.85
1655
3313
6222
1793
4567
11872
18346
30902
100 KHz 137.82 519.15
1650
3308
6219
1786
4554
11814
18206
30849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com