Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU3QXXX Datasheet(PDF) 200 Page - STMicroelectronics

Part # STM32L552VCU3QXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QXXX Datasheet(HTML) 200 Page - STMicroelectronics

Back Button STM32L552VCU3QXXX Datasheet HTML 196Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 197Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 198Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 199Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 200Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 201Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 202Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 203Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 340 page
background image
Table 79. Current consumption in Standby mode
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
VDD
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Standby)
Supply current in
Standby mode
(backup registers
retained),
RTC disabled
No
independent
watchdog
1.8 V
108
382
2374
7132
19259
237
2269
6948
12467
31340
nA
2.4 V
119
476
2795
8332
22151
361
2497
7770
14021
40505
3 V
134
591
3215
9665
26746
411
2716
8919
15987
45394
3.6 V
183
827
4232
12128
31763
558
3214
9577
17816
50551
With
independent
watchdog
1.8 V
347
-
-
-
-
572
2578
7079
12599
31388
2.4 V
405
-
-
-
-
708
2832
7868
14061
39741
3 V
483
-
-
-
-
609
2913
8597
16110
44085
3.6 V
596
-
-
-
-
999
3466
10069
18212
48579



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com