Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU3QXXX Datasheet(PDF) 201 Page - STMicroelectronics

Part # STM32L552VCU3QXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QXXX Datasheet(HTML) 201 Page - STMicroelectronics

Back Button STM32L552VCU3QXXX Datasheet HTML 197Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 198Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 199Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 200Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 201Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 202Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 203Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 204Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 340 page
background image
IDD
(Standby
with RTC)
Supply current in
Standby mode
(backup registers
retained),
RTC enabled
RTC clocked
by LSI, no
independent
watchdog
1.8 V
717
971
2924
7693
19714
930
2760
7456
12882
31665
nA
2.4 V
887
1266
3589
9054
22856
1224
3096
8393
14557
40166
3 V
1113
1584
4206
10666
27521
1303
3509
9212
16779
44936
3.6 V
1394
2059
5515
13394
32693
1828
3889
10504
18898
48363
RTC clocked
by LSI, no
independent
watchdog
with
LPCAL = 1,
ULPEN = 1
1.8 V
457
779
3075
8179
20106
-
-
-
-
-
2.4 V
582
1080
4082
9786
23298
-
-
-
-
-
3 V
740
1425
5195
11380
28044
-
-
-
-
-
3.6 V
955
1905
6884
14210
33407
-
-
-
-
-
RTC clocked
by LSI, with
independent
watchdog
1.8 V
766
-
-
-
-
847
2549
7430
12888
31689
2.4 V
948
-
-
-
-
1267
3171
8250
14679
40296
3 V
1196
-
-
-
-
1561
3610
9492
16773
44760
3.6 V
1492
-
-
-
-
1896
4136
10423
19143
48559
RTC clocked
by LSE
bypassed at
32768 Hz
1.8 V
435
711
2650
7592
19645
-
-
-
-
-
2.4 V
569
954
3254
8972
22787
-
-
-
-
-
3 V
768
1247
3963
10303
27154
-
-
-
-
-
3.6 V
1024
1686
5174
13141
32293
-
-
-
-
-
RTC clocked
by LSE
bypassed at
32768 Hz
with
LPCAL = 1,
ULPEN = 1
1.8 V
166
-
-
-
-
-
-
-
-
-
2.4 V
236
-
-
-
-
-
-
-
-
-
3 V
356
-
-
-
-
-
-
-
-
-
3.6 V
575
-
-
-
-
-
-
-
-
-
Table 79. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
VDD
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com