Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU3QXXX Datasheet(PDF) 205 Page - STMicroelectronics

Part # STM32L552VCU3QXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QXXX Datasheet(HTML) 205 Page - STMicroelectronics

Back Button STM32L552VCU3QXXX Datasheet HTML 201Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 202Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 203Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 204Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 205Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 206Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 207Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 208Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 340 page
background image
Table 81. Current consumption in VBAT mode
Symbol Parameter
Conditions
TYP
MAX
Unit
-
VBAT 25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C 125°C
IDD
(VBAT)
Backup
domain
supply
current
RTC disabled
1.8 V
3.4
45
307
966
2699
-----
nA
2.4 V
3.9
55
358
1097
2995
-----
3 V
5.9
73
447
1350
3699
-----
3.6 V
13.4
136
786
2303
6528
-----
RTC enabled and
clocked by LSE
bypassed at
32768 Hz with
LPCAL = 0
1.8 V
330
369
654
1303
------
2.4 V
446
528
843
1595
------
3 V
632
727
1119
2045
------
3.6 V
867
996
1680
3247
------
RTC enabled and
clocked by LSE
bypassed at
32768 Hz with
LPCAL=1
1.8 V
130
381
692
1369
------
2.4 V
183
406
738
1499
------
3 V
288
441
841
1761
------
3.6 V
392
518
1163
2707
------
RTC enabled and
clocked by LSE
quartz with
LPCAL = 0
1.8 V
387
-
--------
2.4 V
461
-
--------
3 V
568
-
--------
3.6 V
700
-
--------
RTC enabled and
clocked by LSE
quartz with
LPCAL = 1
1.8 V
187
-
--------
2.4 V
202
-
--------
3 V
229
-
--------
3.6 V
275
-
--------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com