Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU3QXXX Datasheet(PDF) 211 Page - STMicroelectronics

Part # STM32L552VCU3QXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QXXX Datasheet(HTML) 211 Page - STMicroelectronics

Back Button STM32L552VCU3QXXX Datasheet HTML 207Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 208Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 209Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 210Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 211Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 212Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 213Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 214Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 340 page
background image
DS12737 Rev 6
211/340
STM32L552xx
Electrical characteristics
307
5.3.7
Wakeup time from low-power modes and voltage scaling
transition times
The wakeup times given in Table 83 are the latency between the event and the execution of
the first user instruction.
The device goes in low-power mode after the WFE (wait for event) instruction.
Table 83. Low-power mode wakeup timings(1)
-
Parameter
Conditions
Typ
Max
Unit
Sleep
Wakeup time
from Sleep
mode to Run
mode
-14
17
Number of
CPU cycles
Wakeup time
from Low-
power sleep
mode to Low-
power
run mode
Sleep Power Down
(SLEEP_PD=1
in FLASH_ACR) and with clock
MSI = 2 MHz
14
17
Stop 0
Flash
Range 1
MSI48
5.83
6.26
µs
HSI16
5.23
5.46
Range 2
MSI24
18.48
18.96
HSI16
17.56
17.94
MSI4
23.36
24.59
SRAM1
Range 1
MSI48
1.79
2.16
HSI16
2.79
3.01
Range 2
MSI24
2.43
2.82
HSI16
2.80
3.03
MSI4
9.66
10.88
Stop 1
Flash
Range 1
MSI48
9.74
10.22
HSI16
9.22
9.67
Range 2
MSI24
21.84
22.63
HSI16
20.98
21.81
MSI4
25.48
26.34
SRAM1
Range 1
MSI48
5.58
5.95
HSI16
6.68
7.06
Range 2
MSI24
5.69
6.24
HSI16
6.18
6.88
MSI4
11.04
11.99
Flash
Low Power
Run (LPR=1)
MSI2
81.2
82.5
SRAM1
17.8
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com