Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU3QXXX Datasheet(PDF) 212 Page - STMicroelectronics

Part # STM32L552VCU3QXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QXXX Datasheet(HTML) 212 Page - STMicroelectronics

Back Button STM32L552VCU3QXXX Datasheet HTML 208Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 209Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 210Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 211Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 212Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 213Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 214Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 215Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 216Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 340 page
background image
Electrical characteristics
STM32L552xx
212/340
DS12737 Rev 6
Stop 2
Flash
Range 1
MSI48
11.20
11.64
µs
HSI16
10.35
10.77
Range 2
MSI24
23.76
24.15
HSI16
22.24
22.62
MSI4
27.81
28.46
SRAM1
Range 1
MSI48
6.19
6.61
HSI16
7.33
7.75
Range 2
MSI24
6.31
6.64
HSI16
6.89
7.22
MSI4
11.69
12.36
Standby
Flash
Range 2
MSI8
52.5
55.73
MSI4
52.58
55.78
Flash with
SRAM2
Range 2
MSI8
52.5
55.74
MSI4
52.60
55.73
Shutdown
Flash
Range 2
MSI4
276.48
292.42
1. Guaranteed by characterization results.
Table 83. Low-power mode wakeup timings(1) (continued)
-
Parameter
Conditions
Typ
Max
Unit
Table 84. Regulator modes transition times(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWULPRUN
Wakeup time from Low- power run
mode to Run mode(2)
Code run with MSI 2 MHz
5
7
μs
tVOST
Regulator transition time from
Range 2 to Range 1 or
Range 1 to Range 2(3)
Code run with MSI 24 MHz
20
40
1. Guaranteed by characterization results.
2. Time until REGLPF flag is cleared in PWR_SR2.
3. Time until VOSF flag is cleared in PWR_SR2.
Table 85. Wakeup time using USART/LPUART(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUUSART
tWULPUART
Wakeup time needed to calculate
the maximum USART/LPUART
baudrate allowing to wakeup up
from stop mode when
USART/LPUART clock source is
HSI
Stop mode 0
-
1.7
μs
Stop mode 1/2
-
8.5
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com