Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-AJ-R1 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MS-AJ-R1
Description  Universal Sensor Mounting Stand
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MS-AJ-R1 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MS-AJ-R1 Datasheet HTML 1Page - Panasonic Semiconductor MS-AJ-R1 Datasheet HTML 2Page - Panasonic Semiconductor MS-AJ-R1 Datasheet HTML 3Page - Panasonic Semiconductor MS-AJ-R1 Datasheet HTML 4Page - Panasonic Semiconductor MS-AJ-R1 Datasheet HTML 5Page - Panasonic Semiconductor MS-AJ-R1 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
957 UniversalSensorMountingStandMS-AJSERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Sensor
Mounting
Stand
Sensor
Checker
Sensor
Controller
Other
Products
MS-AJ
MS-AJ2-A
Lateral arm assembly
Notes: 1) The dimensions in the brackets indicate the adjustable range of the movable part.
2) Refer to
MS-AJ1 / MS-AJ2 (basic assembly) for the assembly diagram with the sensor mounting bracket, sensor or reflector.
MS-AJ1-A
Lateral arm assembly
Notes: 1) The dimensions in the brackets indicate the adjustable range of the movable part.
2) Refer to
MS-AJ1 / MS-AJ2 (basic assembly) for the assembly diagram with the sensor mounting bracket, sensor or reflector.
MS-AJ1-M MS-AJ2-M
Assembly for reflector
Assembly dimensions with RF-220 (Reflector)
(Mounting part only)
Assembly dimensions with RF-230 (Reflector)
(Mounting part only)
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from our website.
35.3
1.390
28
1.102
45.3
1.783
t 2 t 0.079
28
1.102
45°
45°
36.3
1.429
38
1.496
55.3
2.177
50
1.969
20
0.787
2-M3 (length 8 mm 0.315 in)
screws with washers
M4 hexagon-socket-
head bolt
20
0.787
11.8
0.465
12
0.472
4.2
0.165
2-M4 (length 8 mm 0.315 in)
screws with washers
M4 hexagon-socket-
head bolt
45°
45°
61.3
2.413
37
1.457
47
1.850
11.8
0.465
71.3
2.807
20
0.787
28
1.102
36.3
1.429
20
0.787
t 2 t 0.079
50.3
1.980
4.2
0.165
28.45
1.120 12
0.472
16.5
0.650
(147)
(5.787)
(Note 1)
(44.5)
(1.752)
(203.5)
(8.012)
(134)(5.276) (Note 1)
(33)
(1.299)
210
8.268
(16.5)
(0.650)
33 1.299
6 0.236
(218)
(8.583)
2-ø3.4 ø0.134
mounting holes
Arm joint
(Nylon 6)
ø10 ø0.394 pipe
2-3.2 0.126 × 4.2 0.165
elongated holes
Cable guide
(POM)
Sensor mounting bracket
4.2
0.165
25.5
1.004
10
0.394
2-ø6.6 ø0.260 mounting holes
45
1.772
32
1.260
Base
(PA)
8
0.315
18
0.709
20
0.787
28
1.102
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
[Stainless steel (SUS304)]
[Stainless steel (SUS304)]
(Note 2)
Two M3 (length 14 mm 0.551 in) screws with
washers, two M3 (length 16 mm 0.630 in) screws
with washers, two M3 (length 18 mm 0.709 in)
screws with washers, one auxiliary mounting plate
for
EQ-20 series and one auxiliary mounting plate
for
EX-40 series are attached.
Arm joint
(Nylon 6)
Cable guide
(POM)
28.45
1.120
12
0.472
16.5
0.650
(147)
(5.787)
(Note 1)
(36.5)
(1.437)
(208.5)
(8.209)
(33)
(1.299)
210
8.268
(16.5)
(0.650)
33
1.299
6 0.236
(210)
(8.268)
20
0.787
2-ø3.4 ø0.134
mounting holes
2-3.2 0.126 × 4.2 0.165
elongated holes
4.2
0.165
24.5
0.965
32
1.260
46
1.811
31
1.220
15
0.591
8
0.315
10
0.394
20
0.787
2-ø6.6 ø0.260
mounting holes
(134)(5.276) (Note1)
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
Sensor mounting bracket
[Stainless steel (SUS304)]
(Note 2)
Base
(PA)
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
Two M3 (length 14 mm 0.551 in) screws with
washers, two M3 (length 16 mm 0.630 in) screws
with washers, two M3 (length 18 mm 0.709 in)
screws with washers, one auxiliary mounting plate
for
EQ-20 series and one auxiliary mounting plate
for
EX-40 series are attached.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com