Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-K25-R Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # PM-K25-R
Description  U-shaped Micro Photoelectric Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM-K25-R Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button PM-K25-R Datasheet HTML 3Page - Panasonic Semiconductor PM-K25-R Datasheet HTML 4Page - Panasonic Semiconductor PM-K25-R Datasheet HTML 5Page - Panasonic Semiconductor PM-K25-R Datasheet HTML 6Page - Panasonic Semiconductor PM-K25-R Datasheet HTML 7Page - Panasonic Semiconductor PM-K25-R Datasheet HTML 8Page - Panasonic Semiconductor PM-K25-R Datasheet HTML 9Page - Panasonic Semiconductor PM-K25-R Datasheet HTML 10Page - Panasonic Semiconductor PM-K25-R Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
401 U-shapedMicroPhotoelectricSensorPM-25SERIES PM-45SERIES PM-65SERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
U-shaped
Convergent
Reflective
PM-25/PM-45/
PM-65
Easy connection with a single touch using commercially-available connectors
* NPN output type only
Compact / Connector built-in type
PM-65 SERIES
Cable type
Built-in connector
NPN output
PNP output
Connector attached cable
1 m 3.281 ft, 2 m 6.562 ft,
3 m 9.843 ft, 5 m 16.404 ft
Connector attached bending-resistant cable
1 m 3.281 ft, 2 m 6.562 ft,
3 m 9.843 ft, 5 m 16.404 ft
Connector attached cable
1 m 3.281 ft, 2 m 6.562 ft,
3 m 9.843 ft, 5 m 16.404 ft
Connector attached bending-resistant cable
1 m 3.281 ft, 2 m 6.562 ft,
3 m 9.843 ft, 5 m 16.404 ft
ORDER GUIDE
Type
Appearance (mm in)
Sensing range
Model No.
Output
Output operation
26
1.024
22.4
0.882
7 0.276
6 mm 0.236 in (fixed)
PM-K65
NPN open-collector
transistor
Incorporated with 2 outputs:
Light-ON/Dark-ON
PM-K65-P
PNP open-collector
transistor
22.4
0.882
26
1.024
13.7 0.539
PM-T65
NPN open-collector
transistor
PM-T65-P
PNP open-collector
transistor
16.7 0.657
22.4
0.882
26
1.024
PM-T65W
NPN open-collector
transistor
PM-T65W-P
PNP open-collector
transistor
26.2
1.031
15.7
0.618
14.9 0.587
PM-L65
NPN open-collector
transistor
PM-L65-P
PNP open-collector
transistor
14.9 0.587
22.7
0.894
13.4
0.528
PM-Y65
NPN open-collector
transistor
PM-Y65-P
PNP open-collector
transistor
13.5 0.531
22.4
0.882
13.4
0.528
PM-F65
NPN open-collector
transistor
PM-F65-P
PNP open-collector
transistor
13 0.512
13.4
0.528
22.4
0.882
PM-F65W
NPN open-collector
transistor
PM-F65W-P
PNP open-collector
transistor
22.4
0.882
13.5 0.531
13.4
0.528
PM-R65
NPN open-collector
transistor
PM-R65-P
PNP open-collector
transistor
13 0.512
22.4
0.882
13.4
0.528
PM-R65W
NPN open-collector
transistor
PM-R65W-P
PNP open-collector
transistor
Note:
PM-T65W is mounting-compatible with our conventional model “PM-T64W”.
PM-F65W(-P) is mounting-compatible with our conventional model “PM-F54(P)”.
PM-R65W(-P) is mounting-compatible with our conventional model “PM-R54(P)”.
PM-K65
PM-T65
PM-T65W
PM-L65
PM-Y65
PM-F65
PM-F65W
PM-R65
PM-R65W
Certified
*
Recognition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com