Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS-RXL-2 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # OS-RXL-2
Description  Adjustable Range Reflective Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

OS-RXL-2 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  OS-RXL-2 Datasheet HTML 1Page - Panasonic Semiconductor OS-RXL-2 Datasheet HTML 2Page - Panasonic Semiconductor OS-RXL-2 Datasheet HTML 3Page - Panasonic Semiconductor OS-RXL-2 Datasheet HTML 4Page - Panasonic Semiconductor OS-RXL-2 Datasheet HTML 5Page - Panasonic Semiconductor OS-RXL-2 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Adjustable Range Reflective Photoelectric Sensor
RX-LS200
348
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Amplifier
Built-in
Power Supply
Built-in
Amplifier-
separated
EX-Z
CX-400
CY-100
EX-10
EX-20
EX-30
EX-40
CX-440
EQ-30
EQ-500
MQ-W
RX-LS200
RX
RT-610
PRECAUTIONS FOR PROPER USE
Refer to p.1552~ for general precautions.
Distance adjustment
Operation mode switch
Pointer
Indicator cover
35
1.378
3 0.118
14
0.551
14
0.551
3.6
0.142
M8 × 0.75 0.030
6
0.236
35
1.378
(2.5)
(0.098)
5.5
0.217
1.5
0.059
Beam-
emitting part
Sensing axis
Beam-
receiving part
14
0.551
Distance adjuster (2-turn)
Stability indicator (Green)
Cover-fixing screw
Operation indicator (Red)
2-M4 × 0.7 0.028
thru-hole threads
ø3.7ø0.146 cable, 3 m 9.843 ft long
L
9
0.354
15
0.591
ø18
ø0.709 ø5
ø0.197
14 0.551
M10 × 1 0.039 thread
ø10 ø0.394
[Brass (C3604) (Nickel plated)]
[Stainless steel (SUS304)]
Internal thread
M8 × 0.75 0.030, 4 0.157 deep
(Brass)
ø7 ø0.276 spiral tube
8.5
0.335
10
0.394
10
0.394
4.4
0.173
4.4
0.173
37 1.457
13.5
0.531
13.5
0.531
5
0.197 15°
2
0.079
3 0.118
5 0.197
4.4
0.173
15°
24
0.945
38
1.496
45
1.772
t2
t 0.079
16
0.630
8
0.315
R14 R0.551
Sensing axis
16.5
0.650
8
0.315
8.5
0.335
(2.5)
(0.098)
4.4
0.173
14
0.551
10
0.394
4.4
0.713
45
1.772
37
1.457
16
0.630
18.5
0.728
35
1.378
6
0.236
16 0.630
30 1.181
24.5 0.965
Sensing axis
Sensor
RX-LS200 RX-LS200-P
Protective tube (Optional)
PT-RX500 PT-RX1000
MS-RX-1
Sensor mounting bracket (Accessory)
Assembly dimensions
Model No.
Length L
PT-RX500
500+100 19.685
+0.394
0
PT-RX1000
1,000 +100 39.370
+0.394
0
• Length L
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from our website.
SENS
RX-LS200
MODE
L
D
Pointer
Distance adjuster (2-turn)
Operation mode switch
L: Light-ON
D: Dark-ON
Stability indicator (Green)
Operation indicator (Red)
Lights up when the
output is ON.
(Turn the switch fully.)
Lights up under stable light received
condition or stable dark condition.
It shows how much
the distance adjuster
is rotated.
The sensing range
increases as it is
turned clockwise.
• Follow only steps 1 and 2 respectively. Since the sensing point
may change depending on the sensing object, be sure to check
the operation with the actual sensing object.
<When a sensing object is approaching / moving away from the sensor>
<When a sensing object moves horizontally to the sensor>
Material: Cold rolled carbon steel (SPCC)
Two M4 (length 16 mm 0.630 in) hexagon-socket-
head bolts are attached.
Step
Description
Distance adjuster
1
Turn the distance adjuster fully counterclockwise
to the minimum sensing range position (50 mm
1.969 in approx.).
(Do not turn excessively.)
Turn
2
Place an object at the required distance from
the sensor, turn the distance adjuster gradually
clockwise, and find out point “ A ” where the
sensor changes to the light received condition.
A
3
Remove the object, turn the distance adjuster
further clockwise, and find out point “ B ” where
the sensor changes to the light received
condition again with only the background.
When the sensor does not go to the light
received condition even if the adjuster is fully
turned clockwise, point “ B ” is this extreme
point.
A
B
4
The optimum position to stably detect objects is
the center point between “ A ” and “ B ”.
A
B
Optimum position
Adjusters
Adjusting procedure



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com