Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RX500 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # PT-RX500
Description  Adjustable Range Reflective Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RX500 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PT-RX500 Datasheet HTML 1Page - Panasonic Semiconductor PT-RX500 Datasheet HTML 2Page - Panasonic Semiconductor PT-RX500 Datasheet HTML 3Page - Panasonic Semiconductor PT-RX500 Datasheet HTML 4Page - Panasonic Semiconductor PT-RX500 Datasheet HTML 5Page - Panasonic Semiconductor PT-RX500 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Adjustable Range Reflective Photoelectric Sensor
RX-LS200
344
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Amplifier
Built-in
Power Supply
Built-in
Amplifier-
separated
EX-Z
CX-400
CY-100
EX-10
EX-20
EX-30
EX-40
CX-440
EQ-30
EQ-500
MQ-W
RX-LS200
RX
RT-610
ORDER GUIDE
Type
Appearance
Sensing range
Model No.
Output
NPN output
50 to 200 mm
1.969 to 7.874 in
RX-LS200
NPN open-collector transistor
PNP output
RX-LS200-P
PNP open-collector transistor
5 m cable length type
5 m 16.404 ft cable length type (standard: 3 m 9.843 ft) is also available for NPN output type.
Model No.:
RX-LS200-C5
Accessory
•
MS-RX-1 (Sensor mounting bracket)
OPTIONS
Designation
Model No.
Description
Narrow-view
slit mask
OS-RXL-1
2.5 × 24 mm
0.098 0.945 in
The sensing view is narrowed laterally
so that the effect of the object’s
surroundings is reduced.
OS-RXL-2
3.0 × 24 mm
0.118 0.945 in
OS-RXL-3
3.5 × 24 mm
0.138 0.945 in
Protective tube
PT-RX500
500 mm
19.685 in
Cable is protected from external forces.
It does not rust as it is made of
stainless steel.
PT-RX1000
1,000 mm
39.370 in
Narrow-view slit mask
• OS-RXL-□
Protective tube
• PT-RX500
• PT-RX1000
APPLICATIONS
Safekeeping at parking garage
Cut a hole on the conveyor
line so that the beam cannot
be reflected without a lid.
Detecting lids of cups
Two M4 (length 16 mm 0.630 in)
hexagon-socket-head bolts are attached.
Protective tube



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com