Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RX1000 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # PT-RX1000
Description  Adjustable Range Reflective Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RX1000 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  PT-RX1000 Datasheet HTML 1Page - Panasonic Semiconductor PT-RX1000 Datasheet HTML 2Page - Panasonic Semiconductor PT-RX1000 Datasheet HTML 3Page - Panasonic Semiconductor PT-RX1000 Datasheet HTML 4Page - Panasonic Semiconductor PT-RX1000 Datasheet HTML 5Page - Panasonic Semiconductor PT-RX1000 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Adjustable Range Reflective Photoelectric Sensor
RX-LS200
346
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Amplifier
Built-in
Power Supply
Built-in
Amplifier-
separated
EX-Z
CX-400
CY-100
EX-10
EX-20
EX-30
EX-40
CX-440
EQ-30
EQ-500
MQ-W
RX-LS200
RX
RT-610
I/O circuit diagram
I/O CIRCUIT AND WIRING DIAGRAMS
Wiring diagram
Note: The output does not incorporate a short-circuit protection circuit.
Do not connect it directly to a power supply or a capacitive load.
Symbols … D : Reverse supply polarity protection diode
ZD: Surge absorption zener diode
Tr : PNP output transistor
12 to 24 V DC
Users’ circuit
Internal circuit
D
ZD
Tr
(Black) Output (Note)
(Blue) 0 V
100 mA max.
Load
±10 %
(Brown) +V
Color code
+
–
12 to 24 V DC
Brown
Black
Blue
Load
±10 %
+
–
SENSING CHARACTERISTICS (TYPICAL)
Sensing fields
• Setting distance: 200 mm
7.874 in (Horizontal)
• Setting distance: 200 mm
7.874 in (Vertical)
• Setting distance: 150 mm
5.906 in (Horizontal)
• Setting distance: 150 mm
5.906 in (Vertical)
• Setting distance: 150 mm
5.906 in with slit mask
(Vertical)
• Setting distance: 150 mm
5.906 in with slit mask
(Horizontal)
0
50
1.969
100
3.937
150
5.906
200
7.874
10
0.394
5
0.197
0
5
0.197
10
0.394
L
White non-
glossy paper
Gray non-
glossy paper
(Lightness: 3)
5.5 mm
0.217 in
50 × 50 mm
1.969 × 1.969 in
Non-glossy
paper
Left
Right
Center
Operating point (mm in)
Sensor
Sensor
L
6 mm
0.236 in
Up
Down
Center
Operating point (mm in)
White non-
glossy paper
Gray non-
glossy paper
(Lightness: 3)
50 × 50 mm
1.969 × 1.969 in
Non-glossy
paper
10
0.394
5
0.197
0
5
0.197
10
0.394
0
50
1.969
100
3.937
150
5.906
200
7.874
Left
Right
Center
Operating point (mm in)
White non-
glossy paper
Gray non-glossy paper
(Lightness: 3)
L
Sensor
50 × 50 mm 1.969 × 1.969 in
Non-glossy paper
5.5 mm 0.217 in
4
0.157
2
0.079
0
2
0.079
4
0.157
0
50
1.969
100
3.937
150
5.906
200
7.874
Sensor
L
6 mm
0.236 in
Up
Down
Center
Operating point (mm in)
Gray non-
glossy paper
(Lightness: 3)
White non-
glossy paper
50 × 50 mm
1.969 × 1.969 in
Non-glossy
paper
4
0.157
2
0.079
0
2
0.079
4
0.157
0
50
1.969
100
3.937
150
5.906
200
7.874
OS-RXL-1
OS-RXL-2
OS-RXL-3
L
Left
Right
Center
Operating point (mm in)
Sensor
50 × 50 mm
1.969 × 1.969 in
Non-glossy
paper
5.5 mm 0.217 in
4
0.157
2
0.079
0
2
0.079
4
0.157
0
50
1.969
100
3.937
150
5.906
200
7.874
OS-RXL-1
OS-RXL-2
OS-RXL-3
Common for
Sensor
L
Up
Down
Center
Operating point (mm in)
6 mm
0.236 in
50 × 50 mm
1.969 × 1.969 in
Non-glossy
paper
4
0.157
2
0.079
0
2
0.079
4
0.157
0
50
1.969
100
3.937
150
5.906
200
7.874
Correlation between sensing object size and sensing range
Emitted beam
0
50
1.969
100
3.937
150
5.906
200
7.874
20
0.787
40
1.575
60
2.362
80
3.150
200 mm
7.874 in
100 mm
3.937 in
Sensor
L
White non-glossy paper
White non-glossy paper
Gray non-glossy paper
(Lightness: 3)
Gray non-glossy
paper
(Lightness: 3)
a × a mm in
Non-glossy
paper
These curves show the characteristics with the
maximum sensing range set to 100 mm 3.937 in,
200 mm 7.874 in, each, with white non-glossy
paper (50 × 50 mm 1.969 × 1.969 in).
White non-glossy paper
side length a (mm in)
0
50
1.969
100
3.937
150
5.906
200
7.874
ø5 mm
ø0.197 in
ø7.5 mm
ø0.295 in
ø6.5 mm
ø0.256 in
ø6 mm
ø0.236 in
RX-LS200-P
PNP output type



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com