Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-F25-R Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # PM-F25-R
Description  U-shaped Micro Photoelectric Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM-F25-R Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button PM-F25-R Datasheet HTML 5Page - Panasonic Semiconductor PM-F25-R Datasheet HTML 6Page - Panasonic Semiconductor PM-F25-R Datasheet HTML 7Page - Panasonic Semiconductor PM-F25-R Datasheet HTML 8Page - Panasonic Semiconductor PM-F25-R Datasheet HTML 9Page - Panasonic Semiconductor PM-F25-R Datasheet HTML 10Page - Panasonic Semiconductor PM-F25-R Datasheet HTML 11Page - Panasonic Semiconductor PM-F25-R Datasheet HTML 12Page - Panasonic Semiconductor PM-F25-R Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
403 U-shapedMicroPhotoelectricSensorPM-25SERIES PM-45SERIES PM-65SERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
U-shaped
Convergent
Reflective
PM-25/PM-45/
PM-65
I/O CIRCUIT AND WIRING DIAGRAMS
I/O circuit diagram
Users’ circuit
Internal circuit
Color code of cable type and
connector attached cable
50 mA max.
50 mA max.
Load
Load
(Brown) +V
(Black) Output 1
(Note)
(White) Output 2 (Note)
(Blue) 0 V
5 to 24 V DC
±10 %
+
–
ZD1
D
Tr1
ZD2
Tr2
Note: Ensure to insulate the unused output wire.
Note: Ensure to insulate the unused output wire.
Symbols…D: Reverse supply polarity protection diode
ZD1, ZD2: Surge absorption zener diode
Tr1, Tr2: NPN output transistor
Symbols…D: Reverse supply polarity protection diode
ZD1, ZD2: Surge absorption zener diode
Tr1, Tr2: PNP output transistor
Terminal arrangement diagram (PM-65 series)
1
2
3
4
Terminal No.
Designation
1
+V
2
Output 1: Light-ON
3
Output 2: Dark-ON
4
0 V
Terminal arrangement diagram (PM-65 series)
1
2
3
4
Terminal No.
Designation
1
+V
2
Output 1: Light-ON
3
Output 2: Dark-ON
4
0 V
Users’ circuit
Internal circuit
Color code of cable type and
connector attached cable
50 mA max.
50 mA max.
Tr1
Load
Load
(Brown) +V
(Blue) 0 V
ZD2
Tr2
5 to 24 V DC
±10 %
+
–
(Black) Output 1 (Note)
D
(White) Output 2 (Note)
ZD1
Note: Ensure to insulate the unused output wire.
Note: Ensure to insulate the unused output wire.
Wiring diagram (PM-25 series / PM-45 series)
Brown
Black (Note)
White (Note)
Blue
Load
Load
5 to 24 V DC
±10 %
+
–
Output operation
Color code
Output operation
Output 1
Black
Light-ON
Output 2
White
Dark-ON
Output operation
Color code
Output operation
Output 1
Black
Light-ON
Output 2
White
Dark-ON
I/O circuit diagram
PNP output type
Wiring diagram (PM-25 series / PM-45 series)
Brown
Black (Note)
White (Note)
Blue
Load
Load
5 to 24 V DC
±10 %
+
–
NPN output type
PNP output type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com