Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCI6PXXX Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32L552VCI6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI6PXXX Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32L552VCI6PXXX Datasheet HTML 51Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 52Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 53Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 54Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 55Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 56Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 57Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 58Page - STMicroelectronics STM32L552VCI6PXXX Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 340 page
background image
DS12737 Rev 6
55/340
STM32L552xx
Functional overview
78
3.15
Direct memory access controller (DMA)
The device embeds 2 DMAs. Refer to Table 13: DMA1 and DMA2 implementation for the
features implementation.
Direct memory access (DMA) is used in order to provide a high-speed data transfer
between peripherals and memory as well as from memory to memory. Data can be quickly
moved by DMA without any CPU actions. This keeps the CPU resources free for other
operations.
The two DMA controllers have 16 channels in total, each one dedicated to manage memory
access requests from one or more peripherals. Each controller has an arbiter for handling
the priority between DMA requests.
The DMA supports 8 channels for each DMA1 and DMA2, independently configurable:
•
Each channel is associated either with a DMA request signal coming from a peripheral,
or with a software trigger in memory-to-memory transfers. This configuration is done by
software.
•
Priority between the requests is programmable by software (4 levels per channel: very
high, high, medium, low) or by hardware in case of equality (such as request 1 has
priority over request 2).
•
Transfer size of source and destination are independent (byte, half-word, word),
emulating packing and unpacking. Source and destination addresses must be aligned
on the data size.
•
Support of transfers from/to peripherals to/from memory with circular buffer
management.
•
Programmable number of data to be transferred: 0 to 218 - 1.
•
Generation of an interrupt request per channel. Each interrupt request is caused from
any of the three DMA events: transfer complete, half transfer, or transfer error.
•
TrustZone support:
–
Support for AHB secure and non-secure DMA transfers, independently at a first
channel level, and independently at a source and destination sub-level
–
TrustZone-aware AHB slave port, protecting any secure resource (register,
register field) from a non-secure software access
•
Privileged / unprivileged support:
–
Support for AHB privileged and unprivileged DMA transfers, independently at a
channel level
–
Privileged-aware AHB slave port.
Table 13. DMA1 and DMA2 implementation
Feature
DMA1
DMA2
Number of DMA channels
8
8
TrustZone
1 (supported)
1 (supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com