Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-R25 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # PM-R25
Description  U-shaped Micro Photoelectric Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM-R25 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button PM-R25 Datasheet HTML 8Page - Panasonic Semiconductor PM-R25 Datasheet HTML 9Page - Panasonic Semiconductor PM-R25 Datasheet HTML 10Page - Panasonic Semiconductor PM-R25 Datasheet HTML 11Page - Panasonic Semiconductor PM-R25 Datasheet HTML 12Page - Panasonic Semiconductor PM-R25 Datasheet HTML 13Page - Panasonic Semiconductor PM-R25 Datasheet HTML 14Page - Panasonic Semiconductor PM-R25 Datasheet HTML 15Page - Panasonic Semiconductor PM-R25 Datasheet HTML 16Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
407 U-shapedMicroPhotoelectricSensorPM-25SERIES PM-45SERIES PM-65SERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
U-shaped
Convergent
Reflective
PM-25/PM-45/
PM-65
PM-L45□
PM-F45□
PM-R45□
PM-T45□
PM-K45□
Beam
axis
PM-K45
13.4
0.528
25.4
1.000
6
0.236
ø2.5 ø0.098 cable
2-ø3.8 ø0.150
mounting holes
2-ø3.2 ø0.126
mounting holes
5.5
0.217
13.8
0.543
3.5
0.138
21.3
0.839
8.4 0.331
11 0.433
6
0.236
19
0.748
Operation indicator (Orange)
Beam size:
1.2 × 0.8 0.047 × 0.031
19
0.748
7
0.276
17.2
0.677
Operation indicator
(Orange)
2
0.079
Beam
axis
PM-L45
6
0.236
13.4
0.528
26 1.024
6
0.236
4
0.157
2-ø3.2 ø0.126
mounting holes
19 0.748
ø2.5 ø0.098 cable
4.5
0.177
12.6
0.496
9
0.354
14.6
0.575
8.4 0.331
7.2 0.283
3.2 0.126
10
0.394
7 0.276
Operation indicator (Orange)
Operation indicator (Orange)
Beam size:
1.2 × 0.8 0.047 × 0.031
19 0.748
2 0.079
2-elongated mounting holes
3.5 0.138
2
0.079
Beam
axis
PM-F45
6
0.236
13.4
0.528
6 0.236
7
0.276
13
0.512
2-ø3.5 ø0.138
mounting holes
13.7
0.539
2.5 0.098
17.2
0.677 21.3
0.839
9 0.354
7
0.276
15.2
0.598
Operation indicator (Orange)
Beam size:
1.2 × 0.8 0.047 × 0.031
13.6
0.535
8.4 0.331
Operation indicator
(Orange)
ø2.5 ø0.098 cable
2
0.079
Beam
axis
PM-R45
6
0.236
13.4
0.528
6 0.236
7
0.276
13
0.512
2-ø3.5 ø0.138
mounting holes
13.7
0.539
2.5 0.098
15.2
0.598
7
0.276
9 0.354
17.2
0.677
21.3
0.839
Operation indicator
(Orange)
Operation indicator
(Orange)
Beam size:
1.2 × 0.8 0.047 × 0.031
13.6
0.535
8.4 0.331
ø2.5 ø0.098 cable
2
0.079
Beam
axis
PM-T45
13.4
0.528
13.7
0.539
6
0.236
19 0.748
26 1.024
2.5
0.098
ø2.5 ø0.098 cable
15.2
0.598
3.2 0.126
18.1
0.713
13
0.512
6.2
0.244
2-elongated
mounting holes
17.2
0.677
(R)
Operation indicator (Orange)
Operation indicator
(Orange)
Beam size:
1.2 × 0.8 0.047 × 0.031
4.3
0.169
8.4 0.331
2
0.079
6
0.236
Beam
axis
PM-Y45
2-ø3.5 ø0.138 mounting holes
6
0.236
13.4
0.528
7
0.276
2.5
0.098
4.5
0.177
12.6
0.496
20.6
0.811
7.5 0.295
6
0.236
7 0.276
Operation indicator (Orange)
Operation indicator (Orange)
5 0.197
Beam size:
1.2 × 0.8 0.047 × 0.031
8.4 0.331
14.6
0.575
2
0.079
1.5
0.059
3.5
0.138
ø2.5 ø0.098 cable
2
0.079
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from our website.
PM-Y45□
Sensor
Sensor
Sensor
Sensor
Sensor
Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com