Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6650S02F/T2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VS6650S02F/T2
Description  1.0 Megapixel SMIA Camera Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6650S02F/T2 Datasheet(HTML) 1 Page - STMicroelectronics

  VS6650S02F/T2 Datasheet HTML 1Page - STMicroelectronics VS6650S02F/T2 Datasheet HTML 2Page - STMicroelectronics VS6650S02F/T2 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA BRIEF
October 2004
VS6650
1.0 Megapixel SMIA Camera Module
Rev. 1
FEATURES
■ 1.0 Megapixel resolution (1152H x 864V)
■ SMIA
1 1.0 profile 1 compliant imager
■ CCP 2.0 serial video interface
■ Two-wire control port (CCI)
■ On-chip PLL based on 13 MHz system clock
■ Up to 30 frame per second (fps) progressive
scan, with smooth frame rate control
■ Horizontal downscale from 1x to 4.5x in 1/16
steps
■ Operation from 2.4 V analog power supply
■ Low EMI 1.8 V digital and I/O power supply
■ 30 µW power-down consumption
■ 10-bit on-chip ADC
■ Small size 1/3 inch lens fixed focus module
■ Integral EMC shielding
DESCRIPTION
The VS6650 is a 1.0 Megapixel camera module for
use across a range of mobile phone platforms.
The camera module, which is SMIA 1.0 profile 1
compliant, can generate 1.0 Megapixel images up
to 30 fps.
Based on the SMIA architectural concepts, the
VS6650 can be used with or without image pro-
cessor (i.e. STV0976 or STV0984). The module is
suitable for performance-driven camera phones
and cost-driven high volume designs. The embed-
ded horizontal scaler typically enables the realiza-
tion of power-efficient viewfinder that uses host
software processing. For performance driven ap-
plications or when a different video interface is re-
quired, the STV0976 mobile imaging processor
ensures state-of-the-art image reconstruction and
compression at up to 15 fps.
The VS6650 features allow straightforward inte-
gration into mobile phone designs: low EMI video
interface and package/socket shielding, low wire
count (8 total), embedded power management (30
µW power-down) and embedded PLL. A minimal
list of external components is required: supply de-
coupling capacitors, CCI pull-ups and a charge-
pump capacitor.
The VS6650 3-element lens design ensures high
quality image capture while maintaining low mod-
ule height. The overall optical stack, including lens
system, IR filter and sensor optical structures is
developed within ST.
The VS6650 package uses the second generation
of SmOP2 packaging technology. Sensor and lens
are assembled in a fully automated test and focus
process for high volume and low cost production.
This 1.0 Megapixel sensor fits within the SMIA95
form factor (9.5 x 9.5 x 7.6 mm3).
APPLICATIONS
■ Mobile phone
■ PDA
■ Wireless security camera
Table 1. Order Codes
1.Standard Mobile Imaging Architecture, visit
www.smia-forum.org
Part Number
Description
VS6650S02F/T2
SmOP2 SMIA95 22” tape and reel


Similar Part No. - VS6650S02F/T2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
VS665N MARKTECH-VS665N Datasheet
66Kb / 1P
Visible Light Emitting Diode
More results

Similar Description - VS6650S02F/T2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0976 STMICROELECTRONICS-STV0976 Datasheet
41Kb / 3P
1.0 Megapixel SMIA Processor
Oct-2004
VS6750 STMICROELECTRONICS-VS6750 Datasheet
48Kb / 3P
2 Megapixel SMIA Camera Module
21-Sep-2005
VS6590 STMICROELECTRONICS-VS6590 Datasheet
58Kb / 3P
0.5 Megapixel Camera Module
Oct-2004
VS6624 STMICROELECTRONICS-VS6624 Datasheet
1,017Kb / 100P
1.3 Megapixel Mobile Camera Module
01-Feb-2006
VS6724 STMICROELECTRONICS-VS6724 Datasheet
1Mb / 118P
2 Megapixel single-chip camera module
03-Jul-2007
VS6663 STMICROELECTRONICS-VS6663 Datasheet
1Mb / 64P
1.3 megapixel camera module
03-Jul-2015
VS6663CB STMICROELECTRONICS-VS6663CB Datasheet
950Kb / 64P
1.3 megapixel camera module
01-Jul-2015
VS6663CC STMICROELECTRONICS-VS6663CC Datasheet
1Mb / 63P
1.3 megapixel camera module
19-Oct-2015
VS6663CD STMICROELECTRONICS-VS6663CD Datasheet
1Mb / 64P
1.3 megapixel camera module
09-Sep-2015
VX6953CB STMICROELECTRONICS-VX6953CB Datasheet
3Mb / 107P
5.1 megapixel EDOF camera module
05-Mar-2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com