Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURF2020CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MURF2020CT
Description  Ultrafast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MURF2020CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MURF2020CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MURF2020CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Ultrafast Rectifier
MURF2020CT
FEATURES
·
Ultrafast recovery time
·
175℃ Operating temperature
·
Popular TO-220F package
·
Low forward voltage drop
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Switching power supply
·
Power switching circuits
·
General purpose
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
200
V
IF(AV)
Average Rectified Forward Current Per Leg
Total device
10
20
A
IFSM
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions half-
wave, single phase, 60Hz)
150
A
PD
Maximum power dissipation
25
W
TJ
Junction Temperature
-65~150
℃
Tstg
Storage Temperature Range
-65~175
℃


Similar Part No. - MURF2020CT

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MURF2020CT SMC-MURF2020CT Datasheet
183Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
logo
Nanjing International G...
MURF2020CT DGNJDZ-MURF2020CT Datasheet
81Kb / 2P
GLASS PASSIVATED SUPER RECTIFIER
logo
Jinan Jing Heng Electro...
MURF2020CT JINGHENG-MURF2020CT Datasheet
58Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
DIYI Electronic Technol...
MURF2020CT DYELEC-MURF2020CT Datasheet
946Kb / 3P
High surge capability
logo
Thinki Semiconductor Co...
MURF2020CT THINKISEMI-MURF2020CT Datasheet
643Kb / 2P
20.0 Ampere Insulated Common Cathode Ultra Fast Recovery Diode
More results

Similar Description - MURF2020CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
ULTRAFAST RECTIFIER
logo
Inchange Semiconductor ...
YG975C6R ISC-YG975C6R Datasheet
304Kb / 2P
Ultrafast Rectifier
YG985C4R ISC-YG985C4R Datasheet
304Kb / 2P
Ultrafast Rectifier
DPG60I300HA ISC-DPG60I300HA Datasheet
274Kb / 1P
Ultrafast Rectifier
BY239-800 ISC-BY239-800 Datasheet
305Kb / 2P
Ultrafast Rectifier
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
FDRW35S60L ISC-FDRW35S60L Datasheet
216Kb / 1P
Ultrafast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com