Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC2XXXX Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PVC2XXXX
Description  Liquid Crystal Displays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PVC2XXXX Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PVC2XXXX Datasheet HTML 1Page - List of Unclassifed Manufacturers PVC2XXXX Datasheet HTML 2Page - List of Unclassifed Manufacturers PVC2XXXX Datasheet HTML 3Page - List of Unclassifed Manufacturers PVC2XXXX Datasheet HTML 4Page - List of Unclassifed Manufacturers PVC2XXXX Datasheet HTML 5Page - List of Unclassifed Manufacturers PVC2XXXX Datasheet HTML 6Page - List of Unclassifed Manufacturers PVC2XXXX Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Graphic Modules (Complementary Programme)
Display
Model No.
Module Size
Viewing
Duty
Technology
Backlight
Controller
Comments
Size
(w x h x d1/d2)
Area
Rate
STN
STN
FSTN
LED
EL
CCFL
(Columns/
d1/d2 =
grey yellow
b/w
Lines)
without/with LED
Ident. Character
Ident. Character
96 x 32
AF09632B
37.8 x 19.0 x 1.6/---
33.0 x 13.2
1/32
-
-
F
-
-
-
NT7501
COF, 3.3V
112 x 64
AF11264C
39.0 x 29.4 x ---/4.5
33.6 x 22.3
1/65
-
-
F
L
-
-
S6B1713
COF, 3.0V
122 x 32
AG12232A
84.0 x 44.0 x 10.5/15.5
60.5 x 18.5
1/32
G
Y
F
L
E
-
SED1520
dual power
122 x 32
AG12232B
65.8 x 27.1 x 4.7/8.4
60.5 x 18.5
1/32
G
Y
F
L
E
-
SED1520
dual power
122 x 32
TM12232A
84.0 x 44.0 x 9.5/13.5
60.0 x 18.5
1/32
D
B
C
L
-
-
dual power
122 x 32
TM12232E
69.2 x 31.8 x 8.0/11.0
57.2 x 17.2
1/32
D
B
C
L
-
-
dual power
128 x 64
AG12864E
75.0 x 52.7 x 6.8/9.0
60.0 x 32.5
1/64
G
Y
F
L/Q
-
-
KS0108
DC/DC
128 x 64
AO12864T
57.0 x 39.4 x 1.9/---
52.6 x 27.5
1/65
-
-
F
-
-
-
ST7565
COG, 3.3V
128 x 64
AT12864I
58.0 x 38.5 x 1.9/---
54.0 x 31.0
1/65
-
-
F
-
-
-
SED1565
TCP, 3.0V
128 x 64
AT12864M
65.9 x 46.6 x ---/5.5
60.0 x 39.0
1/65
-
-
F
L
-
-
SED1565
TCP, 3.0V
128 x 128
AF128128C2
36.3 x 38.9 x 1.4/---
30.5 x 32.0
1/128
-
-
F
-
-
-
HD66750
COF, 3.3V
128 x 128
AT128128H1
36.3 x 38.9 x 1.4/---
30.5 x 32.0
1/128
-
-
F
-
-
-
HD66750
TCP, 2.8V
128 x 128
AF128128K
72.4 x 70.0 x ---/5.5
54.0 x 50.0
1/128
-
-
F
L
-
-
HD66750
COF, 2.8V
128 x 160
AF128160A
57.8 x 42.0 x ---/2.2
37.0 x 48.6
1/160
-
-
F
-
E
-
UC1611
COF, 3.0V
132 x 65
AT13265B
54.2 x 33.8 x 2.4/---
50.0 x 28.3
1/65
-
-
F
-
-
-
SED1565
TCP, 3.0V
160 x 80
AG16080A/B
100.0 x 54.0 x 11.3/15.3
72.3 x 37.8
1/80
G
Y
F
L/Q
E
-
T6963C
DC/DC
160 x 128
AF160128A
55.8 x 46.9 x 2.5/2.5
51.8 x 40.4
1/128
-
-
F
-
E
-
SED15E06
COF, 2.7V
160 x 128
TM160128A
129.0 x 102.0 x 12.8/---
101.0 x 82.0
1/128
D
B
C
-
-
-
T6963
dual power
160 x 160
AT160160A
69.0 x 69.5 x 6.0/7.0
60.0 x 60.0
1/160
-
-
F
Q
E
-
SED1335*
Touch*, DC/DC
160 x 240
AT160240B1
70.0 x 90.5 x 4.8/---
58.9 x 77.8
1/240
-
-
F
-
-
-
dual power
240 x 128
AG240128A/C/G
144.0 x 104.0 x 12.0/15.0
114.0 x 64.0
1/128
G
Y
F
IL/Q
E
-
T6963C*
DC/DC
240 x 128
AG240128B
170.0 x 103.2 x 14.0/14.0
132.0 x 76.0
1/128
G
Y
F
-
E
C
T6963C
DC/DC
240 x 160
AT240160B
76.0 x 57.0 x 6.0/7.0
67.6 x 47.5
1/160
-
-
F
-
E
-
SED1335*
Touch*, DC/DC
240 x 160
AT240160D
83.8 x 56.2 x 2.5/3.3
61.6 x 42.5
1/160
-
-
F
-
E
-
Touch*, DC/DC
240 x 160
AF240160E
81.0 x 54.0 x ---/5.5
63.0 x 42.5
1/160
-
-
F
L
-
-
UC1611
COF, 2.8V
240 x 320
AT240320A
72.5 x 90.0 x 5.5 /---
62.0 x 81.8
1/240
-
-
F
-
E
-
TCP, dual power
320 x 240
AG320240A1
167.1 x 109.0 x 11.0/11.0
122.0 x 92.0
1/240
G
Y
F
-
-
C
Touch*
320 x 240
AG320240F
160.0 x 109.0 x 11.0/11.0
122.0 x 92.0
1/240
G
Y
F
-
E
C
SED1335*
Touch*, DC/DC
320 x 240
AT320240Q
93.3 x 73.0 x 6.4/9.1
62.0 x 81.8
1/240
-
-
F
Q
E
-
SED1335*
Touch*, 3.3V*
320 x 240
TM320240A
143.0 x 96.8 x 12.0/---
104.0 x 79.3
1/240
D
B
C
-
-
-
dual power
Manufacturer: AD/AG/AT = AMPIRE CO., LTD.,
TM
= TIANMA MICROELECTRONICS CO., LTD.
TCP
= Tape Carrier Package (controller IC on carrier foil)
COG
= Chip On Glass
COF
= Chip On Foil
DC/DC = with DC/DC converter available (single supply voltage)
Q = white LED backlight
*optionally



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com