Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

971 Datasheet(PDF) 4 Page - 3M Electronics

Part # 971
Description  3M™ Ultra Durable Floor Marking Tape 971
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

971 Datasheet(HTML) 4 Page - 3M Electronics

  971 Datasheet HTML 1Page - 3M Electronics 971 Datasheet HTML 2Page - 3M Electronics 971 Datasheet HTML 3Page - 3M Electronics 971 Datasheet HTML 4Page - 3M Electronics 971 Datasheet HTML 5Page - 3M Electronics 971 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3M™ Ultra Durable Floor Marking Tape 971
Handling/Application Information (continued)
Surface Preparation
1. Surfaces to be marked with 3M™ Ultra Durable Floor Marking Tape should be as clean, dry and smooth as
possible. Floors may require cleaning to remove all traces of oils, grease, moisture, and any accumulation of waxes,
coatings, nishes as well as dust, dirt and other grime.
2. Cleaning solutions should be chosen that do not leave residues or waxes on the surface to which the tape is to be
applied. Always allow su cient time for thorough drying of the cleaning solution prior to application of the tape.
3. Freshly sealed surfaces, including, but not limited to, concrete, varnished or waxed oors should be allowed to
dry thoroughly prior to application of the tape.
Note: Be sure to follow manufacturer’s precautions and directions for use when using cleaning solutions or sealers.
Wear appropriate personal protective equipment when sandblasting, scraping, sanding or grinding.
Removal Techniques
1. To help minimize damage to the surface and to encourage clean removal it is recommended that the 3M™ Ultra
Durable Floor Marking Tape be lifted gently at a corner then pulled up at a perpendicular angle.
2. If there is any adhesive residue, it may be softened by use of 3M™ Citrus Based Cleaner or many common
solvents such as heptane, toluene or methyl ethyl ketone.*
*Be sure to follow the manufacturer’s precautions and directions for use when using solvents. Prior to using any
solvent to help remove adhesive residues, it is strongly recommended that the solvent be tested to determine
compatibility in an inconspicuous location with the underlying surface nish.
Storage and Shelf Life
Store under normal conditions of 60° to 80°F (16° to 27°C) and 40 to 60% relative humidity in the original
packaging material.To obtain best performance, use 3M™ Ultra Durable Floor Marking Tape within 18 months from
date of manufacture.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com