Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

730 Datasheet(PDF) 4 Page - 3M Electronics

Part # 730
Description  700-Series SMP Products:
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

730 Datasheet(HTML) 4 Page - 3M Electronics

  730 Datasheet HTML 1Page - 3M Electronics 730 Datasheet HTML 2Page - 3M Electronics 730 Datasheet HTML 3Page - 3M Electronics 730 Datasheet HTML 4Page - 3M Electronics 730 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3M
™ 700-Series SMP Products:
SMP Sealant 730, Clear • SMP Adhesive Sealant 740UV • SMP Adhesive Sealant 760UV
- 4 -
Directions for Use
Surface Preparation:
Surfaces to be sealed or bonded should be clean and dry. Surfaces should be free from
grease, mold release, oil, water/condensation, and other contaminants that may affect
the adhesion of the sealant. Abrading with 180 to 220 grit abrasive followed by a
solvent wipe will improve the bond strength. Suitable solvents include 3M™ Adhesive
Remover, methyl ethyl ketone (MEK), isopropyl alcohol (IPA), or acetone.*
*When using solvents, use in a well ventilated area. Extinguish all sources of ignition in
the work area and observe product directions for use and precautionary measures.
Refer to product label and MSDS for further precautions. Always pre-test solvent to
ensure it is compatible with substrates.
Local and federal air quality regulations may regulate or prohibit the use of these
products or surface preparation and cleanup materials. Consult local and federal air
quality regulations before using these products.
Primer:
Use of a primer is an extra step and cost and will depend on substrates and the final
end use. Using primer can improve the corrosion resistance of certain metals as well
as improve the durability of the bond when exposed to high humidity conditions.
For most applications, high strength bonds on metal can be achieved without the use
of a primer. Pre-testing for adhesion is suggested to determine if a primer is needed.
Contact your 3M Technical Service representative for primer recommendation and
application advice.
Application:
Loading the applicator gun: make sure the applicator is set up with correct
plunger attachment for cartridge or sausage pack.
Metal Cartridge: Puncture seal in nozzle and remove the pull-tab seal at the
bottom of the cartridge. Load into applicator and fix retaining ring (if applicable).
Assemble the nozzle (if applicable) and cut to desired size and shape.
Plastic Cartridge: Cut off the top of the cartridge with a sharp blade, just above the
area where the threads stop. Attach the nozzle and cut to desired size and shape.
Sausage Pack: Make a 1" slit close to the crimp on one end of the sausage pack.
Load the sausage pack into the applicator barrel (slit side out). Place the rounded
end of the supplied sausage nozzle onto the slit end of the sausage pack and fix
with retaining ring. Cut nozzle to desired size and shape.
Product should be used within 24 hours after seal is punctured. Dispense product
with the nozzle tip in contact with the substrate to insure good gap filling and
substrate wetting. Bonding must occur within the first 50% of published skin time
Do not apply SMP sealants and adhesive sealants on frozen nor wet surfaces.
Do not apply over silicone nor in the presence of curing silicone or curing
polyurethane. Avoid contact with uncured polyurethane during curing. Sealant can
be tooled immediately after applying to give desired appearance.
Cleanup:
While sealant is still soft, cleaning can be done with the same solvents used for surface
preparation. If sealant is already cured, removal is done mechanically with razor knife,
piano wire, sanding or 3M™ Scotch-Brite™ Molding Adhesive and Stripe Removal
Disc. This disc is available from 3M Automotive Aftermarket Division.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com