Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

481 Datasheet(PDF) 3 Page - 3M Electronics

Part # 481
Description  3M??Preservation Sealing Tape 481
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

481 Datasheet(HTML) 3 Page - 3M Electronics

  481 Datasheet HTML 1Page - 3M Electronics 481 Datasheet HTML 2Page - 3M Electronics 481 Datasheet HTML 3Page - 3M Electronics 481 Datasheet HTML 4Page - 3M Electronics 481 Datasheet HTML 5Page - 3M Electronics 481 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Preservation Sealing Tape 481
Available Sizes
Property
Values
Standard Roll Length
33 m
36 yd
Handling/Application Information
Application Ideas
• Seals and protects various types of equipment to be stored by military and industry.
• Splicing and patching materials used by the construction industry.
Application Techniques
• Best results are attained when applied to a clean, dry surface at temperatures between 60° to 80°F (16° to 27°C).
Storage and Shelf Life
Store under normal conditions of 60° to 80°F (16° to 27°C) and 40 to 60% R.H. in the original carton.
To obtain best performance, use this product within 24 months from date of manufacture.
Industry Speci cations
Military Speci cation: SAE-AMS-T-22085 Type II
Trademarks
3M is a trademark of 3M Company.
References
Table continued on next page
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-
3m-products/~/3M-Preservation-Sealing-Tape-481?
N=5002385+3292908588&rt=rud



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com