Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1APQR Datasheet(PDF) 107 Page - STMicroelectronics

Part # STPMIC1APQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1APQR Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STPMIC1APQR Datasheet HTML 103Page - STMicroelectronics STPMIC1APQR Datasheet HTML 104Page - STMicroelectronics STPMIC1APQR Datasheet HTML 105Page - STMicroelectronics STPMIC1APQR Datasheet HTML 106Page - STMicroelectronics STPMIC1APQR Datasheet HTML 107Page - STMicroelectronics STPMIC1APQR Datasheet HTML 108Page - STMicroelectronics STPMIC1APQR Datasheet HTML 109Page - STMicroelectronics STPMIC1APQR Datasheet HTML 110Page - STMicroelectronics STPMIC1APQR Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 140 page
background image
6.5.9
Interrupt set mask registers (INT_SET_MASK_Rx)
Table 56. INT_SET_MASK_Rx
Name
Address
7
6
5
4
3
2
1
0
INT_SET
_MASK_R1
0x90
SWOUT
_RI
SWOUT
_FA
VBUS
OTG_RI
VBUSOTG
_FA
WKP
_RI
WKP
_FA
PKEY
_RI
PKEY
_FA
INT_SET
_MASK_R2
0x91
BST
_OVP
BST
_OCP
SWOUT
_OCP
VBUS
OTG_OCP
BUCK4_
OCP
BUCK3_
OCP
BUCK2_
OCP
BUCK1_
OCP
INT_SET
_MASK_R3
0x92
SWOUT
_SH
VBUS
OTG_SH
LDO6_
OCP
LDO5_
OCP
LDO4_
OCP
LDO3_
OCP
LDO2_
OCP
LDO1_
OCP
INT_SET
_MASK_R4
0x93
SWIN
_RI
SWIN
_FA
reserved
reserved
VINLOW
_RI
VINLOW
_FA
THW
_RI
THW
_FA
Address: 0x90 – 0x93
Type: write registers - read x00
Default: 0x00
Description: interrupt set mask registers. Registers are default on RSTn assertion
Writing 1 in the bit forces the mask of the corresponding interrupt event in INT_MASK_Rx
Refer to Section 6.5.2 Interrupt pending register 1 (INT_PENDING_R1), Section 6.5.3 Interrupt
pending register 2 (INT_PENDING_R2), Section 6.5.4 Interrupt pending register 3 (INT_PENDING_R3) and
Section 6.5.5 Interrupt pending register 4 (INT_PENDING_R4) about the interrupt description.
STPMIC1
Interrupt registers
DS12792 - Rev 7
page 107/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com