Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1APQR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPMIC1APQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1APQR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPMIC1APQR Datasheet HTML 9Page - STMicroelectronics STPMIC1APQR Datasheet HTML 10Page - STMicroelectronics STPMIC1APQR Datasheet HTML 11Page - STMicroelectronics STPMIC1APQR Datasheet HTML 12Page - STMicroelectronics STPMIC1APQR Datasheet HTML 13Page - STMicroelectronics STPMIC1APQR Datasheet HTML 14Page - STMicroelectronics STPMIC1APQR Datasheet HTML 15Page - STMicroelectronics STPMIC1APQR Datasheet HTML 16Page - STMicroelectronics STPMIC1APQR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 140 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ILDO6IN_LKG
Input leakage
current
LDO OFF
0.5
1
µA
VLDO6DROP
Dropout voltage
VLDO6OUT = 2.9 V, ILDO6OUT=150 mA
160
300
mV
VLDO6OUT-LO
Load transient
regulation
ΔILDO6OUT = 75 mA, ΔVLDO6IN = 0, tR = tF ~1 µs
30
mV
VLDO6OUT-LI
Line transient
regulation
ΔVLDO6IN = 600 mV, ΔILDO6OUT = 0, tR = tF ~10 μs
5
mV
PSRRLDO6
Power supply
rejection ratio
ΔVLDO6IN = 300 mVPP, f=[0.1:20] kHz
55
dB
ΔVLDO6IN = 300 mVPP, f=[20:100] kHz
40
tSSLDO6
Soft-start duration
2.8 V<VLDO6IN<5.5 V, 0<ILDO6OUT<1 mA
100
µs
tSDLDO6
Shutdown
duration
PD on, VLDO6OUT=1.8 V to VLDO6OUT<0.2 V,
ILDO6OUT<1 mA, VIN=3.6 V, COUT=4.7 µF
3
ms
REFDDR
VREFOUT= VOUT2/2= 0.675 V, Tj = -40 °C to +125 °C, recommended BOM, unless otherwise specified
VREFOUT
Output voltage
0.1 mA<IREFOUT<5 mA
VOUT2/2
V
VREF-ACC
Output voltage
accuracy
IREF = 0.1 mA
-1
1
%
IREFOUT
Output current
capability
5
mARMS
IREFLIM
Load current
limitation
±10
±25
±50
mA
IREFQ
Quiescent current
IREFOUT = 0 mA, TJ = +25 °C
30
µA
tSSREF
Soft-start duration
0.1 mA<IREF<1 mA
100
µs
tSDREF
Shutdown
duration
PD on, VREFOUT=0.6 V to VREFOUT<0.2 V,
IREFOUT<0.1 mA, VIN=3.6 V, COUT=1 µF
3
ms
Buck converter 1
VBUCK1IN = 3.6 V, VOUT1 = 1.2 V, recommended BOM, Tj= -40 °C to +125 °C , unless otherwise specified
VBUCK1IN
Main input
voltage range
2.8
5.5
V
VOUT1
Output voltage
Programmable value, refer to Table 10. BUCK
output settings
0.725 to 1.5
V
Voltage programming step
25
mV
VOUT1-ACC
Output voltage
accuracy
VBUCK1IN= 2.8 V to 5.5 V, VOUT1 = 0.725 V to 1.5
V
%
HP mode IBK1OUT = 0 to 1.5 A
-2
2
LP mode IBK1OUT = 0 to 50 mA
-4
4
VOUT1-RIPP
Output voltage
ripple
IBK1OUT = 0 mA, HP mode, TA = +25 °C
10
mV
IBK1OUT = 1500 mA, HP mode, TA = +25 °C
5
IOUT1
Continuous
output current
2.8<VBUCK1IN<5.5 V, HP mode
1500
mA
2.8< VBUCK1IN<5.5 V, LP mode
50
IOUT1_LP_PEAK
Peak output
current in LP
mode
2.8< VBUCK1IN<5.5 V, tPEAK < 10 us
200
IBK1LIM
Inductor peak
current limit
2
A
STPMIC1
Electrical and timing parameters
DS12792 - Rev 7
page 13/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com