Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1APQR Datasheet(PDF) 118 Page - STMicroelectronics

Part # STPMIC1APQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1APQR Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STPMIC1APQR Datasheet HTML 114Page - STMicroelectronics STPMIC1APQR Datasheet HTML 115Page - STMicroelectronics STPMIC1APQR Datasheet HTML 116Page - STMicroelectronics STPMIC1APQR Datasheet HTML 117Page - STMicroelectronics STPMIC1APQR Datasheet HTML 118Page - STMicroelectronics STPMIC1APQR Datasheet HTML 119Page - STMicroelectronics STPMIC1APQR Datasheet HTML 120Page - STMicroelectronics STPMIC1APQR Datasheet HTML 121Page - STMicroelectronics STPMIC1APQR Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 140 page
background image
6.7.1
NVM main control shadow register (NVM_MAIN_CTRL_SHR)
Table 65. NVM_MAIN_CTRL_SHR
7
6
5
4
3
2
1
0
VINOK_HYS[1:0]
VINOK_THRES[1:0]
FORCE_LDO4
PEKYLKP_OFF
AUTO_TURN_ON
LOCK_OCP
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address: 0xF8
Type: read write register
Default: depends on the part number, refer to Table 64. NVM shadow register map
Description: NVM main control shadow register.
[7:6]
VINOK_HYS[1:0]: VINOK threshold hysteresis
00 : 200 mV
01 : 300 mV
10: 400 mV
11: 500 mV
[5:4]
VINOK_THRES[1:0]: VINOK_Rise threshold voltage
00 : 3.1 V
01 : 3.3 V
10: 3.5 V
11: 4.0 V
[3]
FORCE_LDO4:
0: LDO4 starts with rank LDO4_RANK[1:0] only if VBUS_det turn-ON condition occurs
1: LDO4 starts with rank LDO4_RANK[1:0] every turn-ON condition
[2]
PKEYLKP_OFF:
0: Turn-OFF on long key press inactive
1: Turn-OFF on long key press active
[1]
AUTO_TURN_ON:
0: STPMIC1 does not start automatically on VIN rising
1: STPMIC1 starts automatically on VIN rising
[0]
LOCK_OCP:
0: STPMIC1 is turned OFF only if regulator related OCPOFF bit is set in Section 6.3.12 Bucks OCP turn-OFF control
register (BUCKS_OCPOFF_CR) or Section 6.3.13 LDO OCP turn-OFF control register (LDOS_OCPOFF_CR) .
1: short-circuit turn-OFF STPMIC1 and keep it in LOCK_OCP state until LOCK_OCP_FLAG is reset
Refer to Section 5.4.7 Overcurrent protection (OCP)
STPMIC1
NVM shadow registers
DS12792 - Rev 7
page 118/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com