Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6710LWB7F Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM6710LWB7F
Description  Low-voltage, high-accuracy, triple/quad voltage microprocessor supervisory circuit in SOT package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6710LWB7F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM6710LWB7F Datasheet HTML 5Page - STMicroelectronics STM6710LWB7F Datasheet HTML 6Page - STMicroelectronics STM6710LWB7F Datasheet HTML 7Page - STMicroelectronics STM6710LWB7F Datasheet HTML 8Page - STMicroelectronics STM6710LWB7F Datasheet HTML 9Page - STMicroelectronics STM6710LWB7F Datasheet HTML 10Page - STMicroelectronics STM6710LWB7F Datasheet HTML 11Page - STMicroelectronics STM6710LWB7F Datasheet HTML 12Page - STMicroelectronics STM6710LWB7F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DocID16887 Rev 4
9/20
STM6700, STM6710
Device operation
20
4.2
Adjustable thresholds (input configurations)
The STM6700/STM6710 may be configured to monitor several options with adjustable reset
thresholds. The threshold voltages at each adjustable input VxIN is typically 0.62 V. Thus to
monitor a voltage > 0.62 V, a resistor divider network as shown in Figure 7 can be used.
The STM6710 allows users to customize the minimum voltage sense level with adjustable
reset thresholds. The threshold voltage at each adjustable input VxIN is typically 0.62 V.
For example, the user can adjust the voltage input threshold (VTHx) for V1IN, V3IN and
V4IN inputs. To do this, connect an external resistor divider network to the VxIN pin in order
to set the trip point to some other voltage above 620 mV according to Equation 1 and
Equation 2 which is also shown in Figure 7.
Equation 1
or solved in terms of R1:
Equation 2
The STM6700/STM6710 have an input current of less than ±0.2 µA (±0.4 µA for VIN1)
on their adjustable inputs, therefore resistor values of up to 100 kW can be used for R2
with < 1 % error.
Figure 7. Adjustable thresholds monitoring
V
THx
0.62V
R1
R2
+
()
R2
---------------------------
×
=
R1
R2
V
THX
0.62V
----------------1
–


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com