Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XUSZPM5AXPL09 Datasheet(PDF) 1 Page - Schneider Electric

Part # XUSZPM5AXPL09
Description  Multibeams sensors for muting arm A coding
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XUSZPM5AXPL09 Datasheet(HTML) 1 Page - Schneider Electric

  XUSZPM5AXPL09 Datasheet HTML 1Page - Schneider Electric XUSZPM5AXPL09 Datasheet HTML 2Page - Schneider Electric XUSZPM5AXPL09 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Jan 19, 2021
1
Product data sheet
Characteristics
XUSZPM5AXPL09
Multibeams sensors for muting arm A coding
Main
Range of product
Preventa Safety detection
Product or component
type
Multi-beam muting sensors
Device short name
XUSZPM5
Output type
1 discrete solid-state PNP (NO)
[Sn] nominal sensing
distance
0…3.5 m
Number of beams
5
Space between beams
10 mm
Complementary
Product compatibility
XUSL4M
Detection system
Through beam
Response time
< 100 ms
Kit composition
Transmitter + receiver
quick start guide
Emission
IR LED
IR LED 940 nm
[Us] rated supply voltage
24 V DC +/- 20 %
Supply
Via external supply
Current consumption
42 mA no load
Output voltage
24 V
Output circuit type
DC
Maximum voltage drop
<0.5 V
Switching capacity in mA
100 mA
Local signalling
1 green, orange and red LED receiver
Housing colour
Grey
Environment
Directives
2011/65/EU - RoHS directive
1907/2006/EC - REACH directive
2002/96/EC - WEEE directive
98/37/EEC - machinery
89/336/EEC - electromagnetic compatibility
Product certifications
CE
Safety reliability data
PFHd = 2.73E-7 1/h
Ambient air temperature for operation
-30…55 °C
Ambient air temperature for storage
-30…70 °C
Relative humidity
0…95 % without condensation
IP degree of protection
IP65
Shock resistance
10 gn for 16 ms conforming to IEC 61496-1
Vibration resistance
0.35 +/- 0.05 mm (f= 10…55 Hz) conforming to IEC 61496-1


Similar Part No. - XUSZPM5AXPL09

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XUSZPM5BXPL09 SCHNEIDER-XUSZPM5BXPL09 Datasheet
97Kb / 3P
Multibeams sensors for muting arm B coding
Jan 19, 2021
More results

Similar Description - XUSZPM5AXPL09

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2704K ROHM-2SD2704K_12 Datasheet
161Kb / 4P
For Muting
logo
Schneider Electric
XUSZAML2XP SCHNEIDER-XUSZAML2XP Datasheet
89Kb / 3P
Safety light curtain muting arm L 2 parallel multi-beams
Jan 19, 2021
XUSZAMT2XT SCHNEIDER-XUSZAMT2XT Datasheet
87Kb / 3P
Safety light curtain muting arm T 2crossed multi-beams
Jan 19, 2021
XUSZAMT4PT SCHNEIDER-XUSZAMT4PT Datasheet
87Kb / 3P
Safety light curtain muting arm T 4parallel multi-beams
Jan 19, 2021
XUSZAMT4PTS SCHNEIDER-XUSZAMT4PTS Datasheet
87Kb / 3P
Safety light curtain muting arm T 4P multibeams high speed conveyor
Jan 19, 2021
XUSZASL2PP SCHNEIDER-XUSZASL2PP Datasheet
91Kb / 3P
Safety light curtain muting arm L 2parallel single beam
Jan 19, 2021
XUSZASL2XT SCHNEIDER-XUSZASL2XT Datasheet
92Kb / 3P
Safety light curtain muting arm L 2crossed single beam
Jan 19, 2021
XUSZAST2XT SCHNEIDER-XUSZAST2XT Datasheet
84Kb / 3P
Safety light curtain muting arm T 2crossed single beam
Jan 19, 2021
XUSZAST4PP SCHNEIDER-XUSZAST4PP Datasheet
88Kb / 3P
Safety light curtain muting arm T 4parallel single beam
Jan 19, 2021
XUSZPM5BXPL09 SCHNEIDER-XUSZPM5BXPL09 Datasheet
97Kb / 3P
Multibeams sensors for muting arm B coding
Jan 19, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com