Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL163D Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM29DL163D
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL163D Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM29DL163D Datasheet HTML 36Page - Advanced Micro Devices AM29DL163D Datasheet HTML 37Page - Advanced Micro Devices AM29DL163D Datasheet HTML 38Page - Advanced Micro Devices AM29DL163D Datasheet HTML 39Page - Advanced Micro Devices AM29DL163D Datasheet HTML 40Page - Advanced Micro Devices AM29DL163D Datasheet HTML 41Page - Advanced Micro Devices AM29DL163D Datasheet HTML 42Page - Advanced Micro Devices AM29DL163D Datasheet HTML 43Page - Advanced Micro Devices AM29DL163D Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
40
DS42546
AC CHARACTERISTICS
Flash Erase and Program Operations
Notes:
1. Not 100% tested.
2. See the “Flash Erase And Programming Performance” section for more information.
Parameter
85 ns Speed
Unit
JEDEC
Std
Description
Min
Typ
Max
t
AVAV
t
WC
Write Cycle Time (Note 1)
85
ns
t
AVWL
t
AS
Address Setup Time (WE# to Address)
0
ns
t
ASO
Address Setup Time to OE# or
CE#f low during toggle bit
polling
15
ns
t
WLAX
t
AH
Address Hold Time (WE# to Address)
45
ns
t
AHT
Address Hold Time From CE#f or OE# high during toggle bit
polling
0ns
tDVWH
tDS
Data Setup Time
35
ns
tWHDX
tDH
Data Hold Time
0
ns
tOEH
OE# Hold Time
Read
0
ns
Toggle and Data# Polling
10
ns
tOEPH
Output Enable High during toggle bit polling
20
20
20
ns
tGHEL
tGHEL
Read Recovery Time Before Write (OE# High to CE#f Low)
0
ns
tGHWL
tGHWL
Read Recovery Time Before Write (OE# High to WE# Low)
0
ns
tWLEL
tWS
WE# Setup Time (CE#f to WE#)
0
ns
tELWL
tCS
CE#f Setup Time (WE# to CE#f)
0
ns
tEHWH
tWH
WE# Hold Time (CE#f to WE#)
0
ns
tWHEH
tCH
CE#f Hold Time (CE#f to WE#)
0
ns
tWLWH
tWP
Write Pulse Width
35
ns
tELEH
tCP
CE#f Pulse Width
35
ns
tWHDL
tWPH
Write Pulse Width High
30
ns
tSR/W
Latency Between Read and Write Operations
0
ns
tWHWH1
tWHWH1
Programming Operation (Note 2)
Byte
5
µs
Word
7
tWHWH1
tWHWH1
Accelerated Programming Operation,
Word or Byte (Note 2)
4µs
t
WHWH2
t
WHWH2
Sector Erase Operation (Note 2)
0.7
sec
t
VCS
V
CCf Setup Time (Note 1)
50
µs
t
RB
Write Recovery Time from RY/BY#
0
ns
t
BUSY
Program/Erase Valid to RY/BY# Delay
90
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com