Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XUSZVA4 Datasheet(PDF) 1 Page - Schneider Electric

Part # XUSZVA4
Description  Anti-vibration kit comprising 4 dampers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XUSZVA4 Datasheet(HTML) 1 Page - Schneider Electric

  XUSZVA4 Datasheet HTML 1Page - Schneider Electric XUSZVA4 Datasheet HTML 2Page - Schneider Electric XUSZVA4 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Jan 19, 2021
1
Product data sheet
Characteristics
XUSZVA4
Anti-vibration kit comprising 4 dampers
Main
Range of product
Preventa Safety detection
Accessory / separate
part category
Spare parts
Accessory / separate
part type
Anti-vibration kit
Product compatibility
XUSL4E
XUSL2E
Accessory / separate
part destination
Safety light curtain type 4
Safety light curtain type 2
Height protected
160 mm
Complementary
Kit composition
4 damper(s)
Net weight
0.05 kg
Packing Units
Package 1 Weight
0.013 kg
Package 1 Height
0.200 dm
Package 1 width
1.200 dm
Package 1 Length
1.800 dm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information


Similar Part No. - XUSZVA4

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XUSZVA12 SCHNEIDER-XUSZVA12 Datasheet
112Kb / 3P
Anti-vibration kit comprising 12 dampers
Jan 19, 2021
XUSZVA8 SCHNEIDER-XUSZVA8 Datasheet
113Kb / 3P
Anti-vibration kit comprising 8 dampers
Jan 19, 2021
More results

Similar Description - XUSZVA4

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JMX-94F DBLECTRO-JMX-94F_05 Datasheet
2Mb / 3P
Well anti-shock and anti-vibration
logo
Axiomtek Co., Ltd.
FIC-60 AXIOMTEK-FIC-60 Datasheet
208Kb / 1P
Anti-vibration & shock resistance
logo
List of Unclassifed Man...
GVD-1016-40 ETC2-GVD-1016-40 Datasheet
231Kb / 2P
Vibration and shock absorbing Dampers
logo
BOWEI Integrated Circui...
OXK581 BOWEI-OXK581 Datasheet
470Kb / 4P
Low phase noise,Anti-vibration OCXO
OXK40 BOWEI-OXK40 Datasheet
123Kb / 1P
Low phase noise,Anti-vibration OCXO
logo
Schneider Electric
XUSZVA8 SCHNEIDER-XUSZVA8 Datasheet
113Kb / 3P
Anti-vibration kit comprising 8 dampers
Jan 19, 2021
XUSZVA12 SCHNEIDER-XUSZVA12 Datasheet
112Kb / 3P
Anti-vibration kit comprising 12 dampers
Jan 19, 2021
logo
NorComp
858VD04-103RSS4 NORCOMP-858VD04-103RSS4 Datasheet
88Kb / 1P
M12 MALE // 4P // D-CODE // CABLE MOUNT // ANTI-VIBRATION
REV.00
858VX08-103RLS4 NORCOMP-858VX08-103RLS4 Datasheet
86Kb / 1P
M12 MALE // 8P X-CODE // RA CABLE MOUNT // ANTI-VIBRATION
REV.00
859-003-103R00Y NORCOMP-859-003-103R00Y Datasheet
84Kb / 1P
M12 MALE // 8P X-CODE // RA CABLE MOUNT // ANTI-VIBRATION
REV.03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com