Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCVC Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # SCVC
Description  Produces approximately ??0dB to ??5db attenuation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SCVC Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SCVC Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mallory Sonalert Products Inc.
Part #
SCVC
Sonalert® Accessory Drawing
Revision
D
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A
 Phone: (317)612-1000 Fax: (317)612-1010 
www.mspindy.com
Manual Volume Control _- ROHS Compliant
Produces approximately –10dB to –15db attenuation
Instructions for Assembly:
1. Place flange on the baffle plate over the spline in the grill of the Sonalert.
2. Attach shutter to the baffle plate.
3. Insert Snap Rivet or Screw through the center hole of the shutter and baffle plate.
Snap Rivet: Push the Snap Rivet into the front center hole until it snaps tightly into place.
Screw: Secure the screw into the front center hole of the Sonalert. Do not over tighten.
4. Adjust volume by rotating the shutter


Similar Part No. - SCVC

ManufacturerPart #DatasheetDescription
logo
Eravant
SCV-000114453003-1F1F-U4 ERAVANT-SCV-000114453003-1F1F-U4 Datasheet
318Kb / 2P
1 mm Bias Tee, 160 kHz to 110 GHz
Rev 1.0
SCV-000183202505-SFSF-U3 ERAVANT-SCV-000183202505-SFSF-U3 Datasheet
317Kb / 3P
SMA Bias Tee, 0.1 MHz to 18 GHz
Rev. 1.0
SCV-000273223008-KFKF-U3 ERAVANT-SCV-000273223008-KFKF-U3 Datasheet
340Kb / 3P
2.92 mm Bias Tee, 30 kHz to 27 GHz
Rev. 1.0
SCV-000403302508-KFKF-U3 ERAVANT-SCV-000403302508-KFKF-U3 Datasheet
312Kb / 3P
2.92 mm Bias Tee, 30 kHz to 40 GHz
Rev. 1.0
SCV-000653402505-VFVF-U4 ERAVANT-SCV-000653402505-VFVF-U4 Datasheet
313Kb / 3P
1.85 mm Bias Tee, 30 kHz to 65 GHz
Rev 1.0
More results

Similar Description - SCVC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106005-1003 MOLEX11-106005-1003 Datasheet
60Kb / 1P
MPO Loopback, Multimode, 12 Fiber, 50/125m, Standard Pin Out, 5dB Attenuation
106005-1013 MOLEX11-106005-1013 Datasheet
59Kb / 1P
MPO Loopback, Multimode, 12 Fiber, 50/125m, Standard Pin Out, 5dB Attenuation
106005-1503 MOLEX11-106005-1503 Datasheet
60Kb / 1P
MPO Loopback, Multimode, 8 Fiber, 50/125m, Standard Pin Out, 5dB Attenuation
106005-1513 MOLEX11-106005-1513 Datasheet
59Kb / 1P
MPO Loopback, Multimode, 8 Fiber, 50/125m, Standard Pin Out, 5dB Attenuation
logo
RF Micro Devices
RFPA2172 RFMD-RFPA2172 Datasheet
296Kb / 10P
0dB to 28dB Variable Gain
logo
Molex Electronics Ltd.
1060051003 MOLEX11-1060051003 Datasheet
53Kb / 1P
MPO Loopback, Multimode, 12 Fiber, 50/125m, Standard Pin Out, 5dB Attenuation
1060051013 MOLEX11-1060051013 Datasheet
52Kb / 1P
MPO Loopback, Multimode, 12 Fiber, 50/125m, Standard Pin Out, 5dB Attenuation
1060051503 MOLEX11-1060051503 Datasheet
53Kb / 1P
MPO Loopback, Multimode, 8 Fiber, 50/125m, Standard Pin Out, 5dB Attenuation
1060051513 MOLEX11-1060051513 Datasheet
52Kb / 1P
MPO Loopback, Multimode, 8 Fiber, 50/125m, Standard Pin Out, 5dB Attenuation
1060051513 MOLEX-1060051513_V01 Datasheet
36Kb / 1P
MPO Loopback, Multimode, 8 Fiber, 50/125關m, Standard Pin Out, 5dB Attenuation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com