Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP2R Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # SNP2R
Description  Frequency 2900 Hz 짹500 Hz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SNP2R Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SNP2R Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #
Mallory Sonalert Products Inc.
SNP2R
Revision
Sales Outline Drawing
A
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A
• Phone: (317)612-1000 Fax: (317)612-1010 • www.mallory-sonalert.com
Specifications:
Sound level Category
Medium Sound Level
Mode of Operation
Continuous
Mounting
Panel (see note A)
Voltage Rating
1 – 5 Vdc
Frequency
2900 Hz
±500 Hz
Loudness
(Min. Voltage)
55 dB(A) min. @ 2 FT and 1 Vdc
Loudness
(Max Voltage)
68 dB(A) min. @ 2FT and 5 Vdc
Current Draw
3 mA Max @ 1 Vdc
Current Draw
12 mA Max @ 5 Vdc
Storage Temperature
-40°C to +85°C
Operating Temperature
-30°C to +65°C
Weight (Typical)
0.5 oz (17 g)
Housing
6/6 Nylon, Color Black
Options
For other options contact factory
RoHS Compliant
Dimensions: Inches (mm)


Similar Part No. - SNP2R

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SNP MERITEK-SNP Datasheet
128Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
SNP-006 ETC-SNP-006 Datasheet
1Mb / 32P
2 auto switches can be mounted on a cylinder, even with the ø4 bore size (5 mm stroke).
SNP-010 ETC-SNP-010 Datasheet
1Mb / 32P
2 auto switches can be mounted on a cylinder, even with the ø4 bore size (5 mm stroke).
SNP-015 ETC-SNP-015 Datasheet
1Mb / 32P
2 auto switches can be mounted on a cylinder, even with the ø4 bore size (5 mm stroke).
logo
Hanwha Vision Co., Ltd....
SNP-3371 HANWHAVISION-SNP-3371 Datasheet
189Kb / 2P
Todos os detalhes capturados
More results

Similar Description - SNP2R

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
PT-3529PQ MSPI-PT-3529PQ Datasheet
98Kb / 1P
Resonant Frequency (Hz) 2900 짹 500
PT-3529WQ MSPI-PT-3529WQ Datasheet
85Kb / 1P
Resonant Frequency (Hz) 2900 짹 500
PF-35A29WQ MSPI-PF-35A29WQ Datasheet
97Kb / 1P
Oscillation Frequency (Hz) 2900 ±500
PF-35N29WQ MSPI-PF-35N29WQ Datasheet
94Kb / 1P
Oscillation Frequency (Hz) 2900 ± 500
PFD-35A29WQ MSPI-PFD-35A29WQ Datasheet
100Kb / 1P
Oscillation Frequency (Hz) 2900 ± 500
PFD-35N29WQ MSPI-PFD-35N29WQ Datasheet
182Kb / 1P
Oscillation Frequency (Hz) 2900 ± 500
PK-35H29WQ MSPI-PK-35H29WQ Datasheet
103Kb / 1P
Oscillation Frequency (Hz) 2900 ± 500
PK-41N29W-24VQ MSPI-PK-41N29W-24VQ Datasheet
81Kb / 1P
Oscillation Frequency (Hz) 2900 ± 300
PL-35N29WQ MSPI-PL-35N29WQ Datasheet
108Kb / 1P
Resonant Frequency (Hz) 2900 ± 500
PS-551D-220VQ MSPI-PS-551D-220VQ Datasheet
98Kb / 1P
Oscillation Frequency (Hz) 2900 ± 500
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com