Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS100 Datasheet(PDF) 2 Page - 3M Electronics

Part # SS100
Description  ELASTOMERIC 3M??Smoke and Sound Sealant SS 100
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SS100 Datasheet(HTML) 2 Page - 3M Electronics

  SS100 Datasheet HTML 1Page - 3M Electronics SS100 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4. Performance & Typical Physical Properties
Colors Available:
White
Extension/compression:
Capability of ±10%
Application Temperature Range:
40° to 122°F (4° to 50°C)
Surface Burning (ASTM E 84):
Flame Spread 5
Smoke Development 5
STC Acoustic Barrier
56 when tested in STC 56 rated
(ASTM E 90 and ASTM E 413)
:
wall assembly
Unit Volume: 20 fl. oz. sausage (591.5cc, 36.1 in.3), 28 fl. oz tube (828.1cc, 50.5 in.3),
5 gal. pail (.017m3, 1039.5 in.3)
5. Storage & Shelf Life
Storage:
3M™ Smoke and Sound Sealant SS 100 should be stored indoors in dry conditions between 40°F and 90°F (4°C and 32°C).
Avoid repeated freeze / thaw exposures of the 3M™ Smoke and Sound SS 100 while still in the packaging.
Shelf Life:
3M™ Smoke and Sound SS 100 shelf life is 18 months in original unopened containers from date of packaging when stored
above 68°F (20°C) and below 90°F (32.2°C).
Lot numbering: First to sixth digit = Date of Production (MMDDYY)
Seventh indicator = dash symbol (-) Eighth digit = shift number
6. Installation Techniques
Consult a 3M Authorized Fire Protection Products Distributor / Dealer or Sales Representative for applicable drawings and details.
Preparatory Work: The surface of the opening and any penetrating items should be cleaned to allow for the proper adhesion of the 3M™ Smoke and
Sound Sealant SS 100. Ensure that the surface of the substrates are not wet and are free from dust, debris and frost. Sealant can
be installed with a standard caulking gun, pneumatic pumping equipment or it can be easily applied with a putty knife or trowel.
Installation Details: Install the applicable depth of backing material, if required, as detailed within the applicable 3M design. Install the applicable
depth of 3M™ Smoke and Sound Sealant SS 100 into the opening flush with the surface of the substrate at the required depth.
Please reference 3M™ Smoke and Sound Sealant Installation Guide for further installation details. Tool within 5 minutes. Clean
all tools immediately after use with water.
Limitations:
Do not apply 3M™ Smoke and Sound Sealant SS 100 when surrounding temperature is less than 40°F (4°C) and in conditions when
seals may be exposed to rain or water spray within 18 hours of application. Do not apply 3M™ Smoke and Sound Sealant SS 100 to
building materials that bleed oil, plasticizers or solvent (e.g. impregnated wood, oil-based sealants, or green or partially-vulcanized
rubber). Do not apply 3M™ Smoke and Sound Sealant SS 100 to wet or frost-coated surfaces or areas that are continuously damp or
immersed in water.
NOTICE: This product is not for use as a commercial firestop. This product is not acceptable for use with chlorinated
polyvinylchloride (CPVC) pipes.
7. Maintenance
No maintenance is expected when installed in accordance manufacturer’s installation guidelines. Once installed, if any section of the 3M™ Smoke and
Sound Sealant SS 100 is damaged, the following procedure will apply: remove and reinstall the damaged section in accordance with the applicable
3M™ Smoke and Sound Installation Guide, with a minimum 1/2 in. (12.7mm) overlap onto the adjacent material.
8. Availability
3M™ Smoke and Sound Sealant SS 100 is available in 20.0 oz. sausages, 28.0 fl. oz. cartridges and 4.5 gallon pails. For additional technical and
purchasing information regarding this and other 3M™ Fire Protection Products, please call: 1-800-328-1687 or visit www.3M.com/firestop.
9. Safe Handling Information
Consult product’s Material Safety Data Sheet (MSDS) prior to handling and disposal.
Important Notice to User:
Technical Information: The technical information, recommendations and other statements contained in this document are subject to change, the accuracy or completeness of
such information is not guaranteed.
Product Use: Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and performance of
a 3M product in a particular application. Given the variety of factors that can affect the use and performance of a 3M product, user is solely responsible for evaluating the 3M
product and determining whether it is fit for a particular purpose and suitable for user’s method of application.
Warranty and Limited Remedy: 3M warrants that each 3M Fire
Protection Product will be free from defects in material and manufacture for 90 days from the date of purchase from 3M’s authorized distributor. 3M MAKES NO OTHER EXPRESS
OR IMPLIED WARRANTIES, INCLUDING ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If a 3M product does not conform to this
warranty, the sole and exclusive remedy is, at 3M’s option, replacement of the 3M product or refund of the purchase price.
Limitation of Liability: Except where prohibited by
law, 3M will not be liable for any loss or damage arising from the 3M product, whether direct, indirect, special, incidental or consequential, regardless of the legal theory asserted.
Building and Commercial
Services Division
3M Center, Building 223-2N-21
St. Paul, MN 55144-1000 USA
1-800-328-1687
www.3M.com/firestop
3M is a trademark of 3M. Used under license in Canada. LEED is a trademark
of U.S. Green Building Council Non-Profit Corporation. All other trademarks are
the property of their respective owners.
Hardness (ASTM D 2240 Shore A):
60
Tensile Strength:
175 psi (1.2 MPa)
Volume Shrinkage (ASTM C 1241):
39.5%
VOC Less H2O and Exempt Solvents:
<250 g/L
Dry: Under typical conditions of 75°F (23°C) and 50% R.H., sealant
becomes tack-free in about ten minutes and dry-to-touch in 30 to 60 minutes.
Full dry depends upon ambient conditions and volume of sealant. Typical dry
rate is approximately 1/8 inch (3mm) per day.
Meets the intent of LEED® VOC environmental quality requirements.
Please Recycle. Printed in U.S.A.
© 3M 2013. All rights reserved.
98-0213-4661-8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com